Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PN4224 Datasheet(PDF) 5 Page - Mallory performance club

Part # PN4224
Description  Programmable MC-4 Ignition Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN4224 Datasheet(HTML) 5 Page - Mallory performance club

  PN4224 Datasheet HTML 1Page - Mallory performance club PN4224 Datasheet HTML 2Page - Mallory performance club PN4224 Datasheet HTML 3Page - Mallory performance club PN4224 Datasheet HTML 4Page - Mallory performance club PN4224 Datasheet HTML 5Page - Mallory performance club PN4224 Datasheet HTML 6Page - Mallory performance club PN4224 Datasheet HTML 7Page - Mallory performance club PN4224 Datasheet HTML 8Page - Mallory performance club PN4224 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
INSTALLATIONINSTRUCTIONS
5
MSD POWERSPORTS • WWW.MSDPOWERSPORTS.COM • (915) 858-3365 • FAX (915) 858-3496
When 12 volts are applied, this wire activates several features including;
Launch rev limit, Launch Retard value, Launch Timing Curve and will reset
the Shift Light sequence to 1st gear & Step 3 slope.
This wire activates the Burnout rev limit when 12 volts are applied.
This 2-pin connector plugs into a Cam Sync Sensor to indicate when the
number one cylinder is triggered.
This wire is used to connect to breaker points or trigger pickups (Dyna* or
MSD), electronic ignition amplifier output or to the trigger output of the ECU
for coil 2. (*Single Magnet Rotor Only.)
This wire is used to connect to breaker points or trigger pickups (Dyna* or
MSD), electronic ignition amplifier output or to the trigger output of the ECU
for coil 1. (*Single Magnet Rotor Only.)
Ground to Trigger Pickups.
+12V to Trigger Pickups.
This wire connects to the coil 2 negative (-) terminal. This is the
ONLY wire
that makes electrical contact with the negative coil terminal.
This wire connects to the coil 2 positive (+) terminal. This is the
ONLY wire
that makes electrical contact with the positive coil terminal.
This wire connects to the coil 1 negative (-) terminal. This is the
ONLY wire
that makes electrical contact with the negative coil terminal.
This wire connects to the coil 1 positive (+) terminal. This is the
ONLY wire
that makes electrical contact with the positive coil terminal.
This wire is responsible for turning the MC-4 On and Off as well as supplying
power to the triggers. Connect to a switched 12 volt source such as the ignition
key or switch. Also recommended for lanyards.
This wire connects to a good ground, either at the battery negative (-) terminal
or to the engine.
Note: Engine must be grounded to battery negative.
This wire connects directly to the battery positive (+) terminal or a positive battery
junction such as the starter solenoid.
Note: Do not connect to the alternator.
OPTIONAL BOOST RETARD CURVE
The MC-4 has an external 3 - pin connector (Figure 4) that will attach to one of two optional
Map Sensors PN 23121 (2 Bar) 2-29 psi or PN 23131 (3 Bar) 2-44 psi. When this sensor is
used, a timing curve can be programmed into the MC-4 based on the pressure within the
intake manifold. This is especially useful for turbo applications. This feature is programmable
from 2 to 45 psi in 0.25 psi increments, from 0-25° retard in .1° increments.
WIRING FUNCTIONS
These are the two heavy 12 gauge wires and are responsible for getting direct
battery voltage to the ignition. The Ignition is load protected from reverse battery
connections and will automatically shut down if there is over 27 volts input.
PowerLeads
HeavyRed
HeavyBlack
IgnitionSwitch
Red
Coils
Brown/Orange
Brown/White
Brown/Orange
Brown/Green
TriggerPickups
White/Blue
Black
White(Coil1)
Green(Coil2)
2-PinConnector
CamSync
LightBlue
LightGreen
Accessories
3-StepRev
LightBlue
DarkBlue
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com