Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PN4224 Datasheet(PDF) 12 Page - Mallory performance club

Part # PN4224
Description  Programmable MC-4 Ignition Control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN4224 Datasheet(HTML) 12 Page - Mallory performance club

Back Button PN4224 Datasheet HTML 8Page - Mallory performance club PN4224 Datasheet HTML 9Page - Mallory performance club PN4224 Datasheet HTML 10Page - Mallory performance club PN4224 Datasheet HTML 11Page - Mallory performance club PN4224 Datasheet HTML 12Page - Mallory performance club PN4224 Datasheet HTML 13Page - Mallory performance club PN4224 Datasheet HTML 14Page - Mallory performance club PN4224 Datasheet HTML 15Page - Mallory performance club PN4224 Datasheet HTML 16Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
INSTALLATIONINSTRUCTIONS
MSD POWERSPORTS • WWW.MSDPOWERSPORTS.COM • (915) 858-3365 • FAX (915) 858-3496
Figure 13 Using a Sync Signal or Map Sensor.
PROGRAMMING THE MC-4
These instructions will walk you through the different programming features of the MC-4 Ignition
using the Pro-Data+ Software.
INSTALLATION
1. Insert the installation CD into your CD drive.
2. In Windows click “Start” then Select “Run”.
3. In the box type “D:\Setup” (or corresponding drive) Press Enter.
4. The screen will walk you through several steps.
5. Once loaded, your monitor will have an MSD Graph View logo. Click on it to open the software.
6. A program will open. Go to the upper left corner of the screen and click on File, then Open.
7. This will open a menu of part numbers. Select "4224".
8. This will open another menu of versions. Highlight and open the "MC4vxx.IGN" (xx = The latest
version #; Example "03". This will open the Pro-Data+ software for the Ignition Controller.
At this point you are in the default setting for the MC-4 Ignition. When you make a change to this file
always select the “Save As” option and rename the new file.
MONITOR
The rpm meter is a graphical interface
that allows you to monitor the rpm, boost
pressure and retard functions of the MC-4
while the engine is running. The dial on the
left side will indicate the total rpm and boost
pressure of the engine in real time. The dial
on the right side will show the total degrees
retard sum while the bar graph in the lower
right corner will show you the total degrees
for each cylinder.
Figure 14 RPM and Retard Monitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com