Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PN6214 Datasheet(PDF) 9 Page - Mallory performance club

Part # PN6214
Description  Programmable Midget Racing Ignition Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN6214 Datasheet(HTML) 9 Page - Mallory performance club

Back Button PN6214 Datasheet HTML 5Page - Mallory performance club PN6214 Datasheet HTML 6Page - Mallory performance club PN6214 Datasheet HTML 7Page - Mallory performance club PN6214 Datasheet HTML 8Page - Mallory performance club PN6214 Datasheet HTML 9Page - Mallory performance club PN6214 Datasheet HTML 10Page - Mallory performance club PN6214 Datasheet HTML 11Page - Mallory performance club PN6214 Datasheet HTML 12Page - Mallory performance club PN6214 Datasheet HTML 13Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
INSTALLATION INSTRUCTIONS
9
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
MONITOR
The rpm meter is a graphical interface that
allows you to monitor the rpm and retard func-
tions of the Midget Ignition while the engine is
running. The dial on the left side will indicate
the rpm in real time. The dial on the right side
will show the total degrees retard.
DEFAULT SETTINGS
The default settings are for a four cylinder engine with a Waste Spark (two spark plugs fire
at the same time). This ignition should only be used on 4-cylinder engine with two mag pickup
inputs, with two coils.
The following list shows all of the default values and adjustable increment of the Midget Ignition.
REV LIMITER OPTIONS
RevMax – (Default 9,500)
This is the Max Rev Limiter. The options are from 2,000 rpm to
15,000 rpm in 100 rpm increments.
START RETARD OPTION
Start retard is used to ease the load on the starter and to prevent
backfires. This option is in effect from 0 to 800 rpm on start up. If
the engine drops below 500 rpm, it will activate again. It is adjust-
able in 1° increments from 0° - 25°. The default is 15°.
Display
Default
Data Low-High (step by)
RevMax ###00 Rpm
9,500
2,000-15,000 (100)
StartRetard ## Deg
15
0-25 (1)
BattType $$$$$
Lead
Lead, NiCad, NiMH
BattCells ##
6
6-12 (1)
RunMap Rpm ###00
800
800-15,000 (100)
RunMap Deg ##.#
0
0-25.0 (0.1)
AltMap RPM ###00
800
800-15,000 (100)
AltMap Deg ##.#
0
0-25.0 (0.1)
AlertsPerScan #
0
0-1 (1)
RevLim
RevMax
Retards
Starts
StartRetard
*Deg
10
Figure 6 RPM and Retard Monitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com