Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PN6214 Datasheet(PDF) 10 Page - Mallory performance club

Part # PN6214
Description  Programmable Midget Racing Ignition Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN6214 Datasheet(HTML) 10 Page - Mallory performance club

Back Button PN6214 Datasheet HTML 6Page - Mallory performance club PN6214 Datasheet HTML 7Page - Mallory performance club PN6214 Datasheet HTML 8Page - Mallory performance club PN6214 Datasheet HTML 9Page - Mallory performance club PN6214 Datasheet HTML 10Page - Mallory performance club PN6214 Datasheet HTML 11Page - Mallory performance club PN6214 Datasheet HTML 12Page - Mallory performance club PN6214 Datasheet HTML 13Page - Mallory performance club PN6214 Datasheet HTML 14Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ALTERNATE TIMING CURVE
AltCurve – (Default - See Graph)
The Midget Ignition allows you to
program a timing curve that is only
active when the Alt Wire is switched to
+12V. When this curve is active the word
active appears on the bottom of this
graph. This curve is programmable by
the graphical map. The easiest way to
achieve this is to maximize the box that
contains the Alt Curve. In order to move
the curve you will need to place your
mouse over the portion of the graph that
you would like to move. Right click your
mouse and select “Add Dot”. This will
give you a red dot that you will be able
to position anywhere along the curve.
Continue to do this until your curve is
completely mapped out. After this curve
has been edited, save it in the Midget
Ignition with a transfer - Plot to MSD or
File-Save As to save it in a file on the PC.
RUN TIMING CURVE
RunCurve – (Default - See Graph)
The Run Curve is active when the
Alt Wire is not switched to +12V. The
Midget Ignition gives you the ability to
map out a complete timing curve from
800 rpm all the way to 15,000 rpm. This
timing curve can increase or decrease at
any point along the graph. The easiest
way to achieve this is to maximize the
box that contains the Run Timing Curve.
In order to move the curve you will need
to place your mouse over the portion of
the graph that you would like to move.
Right click your mouse and select “Add
Dot”. This will give you a red dot that you
will be able to position anywhere along
the curve. Continue to do this until your
curve is completely mapped out. After
this curve has been edited, save it in the
Midget Ignition with a transfer - Plot to
MSD or File-Save As to save it in a file
on the PC.
Note: Any graph can be printed by se-
lecting Transfer-Print. Also all other
parameters can be printed from the Data Editor-Select-Print.
^Rpm 800
Alt
Copy RetDeg 0.0
^Rpm 800
Run
Copy RetDeg 0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com