Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PN7531 Datasheet(PDF) 5 Page - Mallory performance club

Part # PN7531
Description  Programmable Digital-7 Plus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN7531 Datasheet(HTML) 5 Page - Mallory performance club

  PN7531 Datasheet HTML 1Page - Mallory performance club PN7531 Datasheet HTML 2Page - Mallory performance club PN7531 Datasheet HTML 3Page - Mallory performance club PN7531 Datasheet HTML 4Page - Mallory performance club PN7531 Datasheet HTML 5Page - Mallory performance club PN7531 Datasheet HTML 6Page - Mallory performance club PN7531 Datasheet HTML 7Page - Mallory performance club PN7531 Datasheet HTML 8Page - Mallory performance club PN7531 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
INSTALLATION INSTRUCTIONS
5
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Save to MSD: This step will save any changes directly into the ignition. If you are only making
one or just a couple modifications this works well.
Save to PC: This will save your changes to only show on the PC screen (indicated by a red
bullet point next to any altered values). These modifications will not be active or saved until
you save the file or transfer the information to the MSD.
You can create numerous files on your PC and download them for testing purposes or by saving
programs you used at different races or test sessions.
BOOST
GAUGE
TACH
ICM
GEAR RETARD
CURVES
GEAR TRACES
TIMING
MENU
TREE
NOTES
HISTORY FILES
HISTORY
ANALYZE
HISTORY TRACES
LAUNCH
REV LIMIT
BOOST CURVE
Figure 2 Pro-Data+ Screen and Program Windows.
MONITOR
PROGRAMMABLE FEATURES
The following explains the programmable features of the PN 7531 Ignition. The features are listed in the
same order that they show on the Data Editor list in the software. Note that all of the retard amounts are
cumulative and the maximum amount of retard is 30°. The gear curves are independent.
STATS
Stat 1: This is only used with the Hand Held Monitors, PN 7550, PN 7553.
ACQUIRED INFORMATION
IGNITION
MONITORED
LIST
SOFTWARE
VERSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com