Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PN7531 Datasheet(PDF) 12 Page - Mallory performance club

Part # PN7531
Description  Programmable Digital-7 Plus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN7531 Datasheet(HTML) 12 Page - Mallory performance club

Back Button PN7531 Datasheet HTML 8Page - Mallory performance club PN7531 Datasheet HTML 9Page - Mallory performance club PN7531 Datasheet HTML 10Page - Mallory performance club PN7531 Datasheet HTML 11Page - Mallory performance club PN7531 Datasheet HTML 12Page - Mallory performance club PN7531 Datasheet HTML 13Page - Mallory performance club PN7531 Datasheet HTML 14Page - Mallory performance club PN7531 Datasheet HTML 15Page - Mallory performance club PN7531 Datasheet HTML 16Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ALERTS
This is used with the Hand Held Monitor, PN 7550 and a pop up alert window appears on the PC
screen. You can program an alert to interrupt the screen on the monitor. You can select which alerts
to show and how often. The alerts are No Cam Sync and Low Battery.
Fault: Program the number of counts that occur for a Low Voltage reset or WatchDog reset.
BrownOut 0: This is the count of low voltage resets. This should always be set at 0.
WatchDog:
The count of WatchDog resets. This should always be set at 0.
ACQUIRE
Arm LaunRevLim: This is where you program how to activate the Launch History recording to begin.
Choose between Off, Launch Rev Limit or Launch. Default is the Launch Rev Limit.
Off: Deactivates the Run History.
Launch: The Run History acquisition begins recording when the car launches (Dark Blue wire
is removed from 12 volts).
LaunRevLimit: The Run History acquisition begins when the launch rev limit is activated (Dark
Blue wire is activated).
Note: The Light Blue burnout wire, when at 12 volts, will reset the History Record.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com