Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB223ZMEX Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI3USB223ZMEX
Description  USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB223ZMEX Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI3USB223ZMEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PI3USB223
USB 2.0 High-Speed and Audio Switches
with Negative Signal Capability
www.pericom.com
10/27/15
Parameter
Symbol
Test Conditions
Min. Typ. Max. Units
D+/RandD-/LOff-Leak-
ageCurrent
ID+/RandD-
/L(OFF)
VDD=3.0V,
VD+/RandD-/L=3.6V,
VD+/-=VR/L=0V
5
μA
VDD=3.3V,
VD+/RandD-/L=0V,
VD+/-=VR/L=0V
5
VDD=0V,
VD+/RorD-/L=5.0V,
VD+/-=VR/L=0V
5
SystemBusInputVoltage
VBUS
0
5.5
V
D+/RandD-/LOn-Leak-
ageCurrent
ID+/RandD-
/L(ON)
USBMode
VDD=3.0V,
VR/L=0V,2.5V,unconnected,
VD+/RandD-/L=0V,2.5V
-200
200
nA
AudioMode
VDD=3.0V,
VD+/-=0V,2.5V,unconnected,
VD+/RandD-/L=-1.5V,+2.5V
-200
200
Turn-OnTime
tON
R/LtoD-/L
orD+/R,
VDD=3.0V,
Fig.2
VR/L=1.5V,ZL=50-ohm//35pF,
ASEL=VDD,VBUS=5.0Vto0V
12
60
μs
D+/-toD-/L
orD+/R,
VDD=3.0V,
Fig.2
VR/L=1.5V,ZL=50-ohm//35pF,
VVBUS=5.0V,ASEL=0VtoVDD
12
60
Turn-OffTime
tOFF
R/LtoD-/L
orD+/R,
VDD=3.0V,
Fig.2
VR/L=1.5V,ZL=50-ohm//35pF,
ASEL=VDD,VBUS=5.0Vto0V
1.4
5
D+/-toD-/L
orD+/R,
VDD=3.0V,
Fig.2
VR/L=1.5V,ZL=50-ohm//35pF,
VVBUS=5.0V,ASEL=0VtoVDD
0.7
5
Break-Before-MakeTime
Delay
tD
ZL=50Ω//35pF
13.5
OutputSkewSameSwitch tSK(P)
Figure3
10
ps
OutputSkewBetween
Switches
tSK(O)
Figure3
10
R/LOff-Capacitance
CR/L(OFF)
VD+/RandD-/L=0.5VPP,DCBias=0V,f=1MHz,
3
pF
D+/-Off-Capacitance
CD+/-(OFF)
VD+/RandD-/L=1.5VPP,DCBias=0V,f=
240MHz,
2.5
On-Capacitance
CD+/RandD-
/L(ON)
USBPath,F=240MHz,DCbias=0V
9
Audiopath,f=100kHz,DCbias=0V
8
AC PERFORMANCE
R/L-3dBBandwidth
BWR/L
RS=RL=50Ω,VR/L=0dBm,Figure4
1100
MHz
D+/--3dBBandwidth
BWD+/-
RS=RL=50Ω,VD+/-=0dBm,Figure4
1500
All trademarks are property of their respective owners.
15-0127



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com