Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB223ZMEX Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI3USB223ZMEX
Description  USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB223ZMEX Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI3USB223ZMEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3USB223ZMEX Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
PI3USB223
USB 2.0 High-Speed and Audio Switches
with Negative Signal Capability
www.pericom.com
10/27/15
All trademarks are property of their respective owners.
Voltage Waveforms Propagation Delay Times
Switching Waveforms
Voltage Waveforms Enable and Disable Times
tPLZ
1.25V
1.25V
2.5V
VOH
0V
VOL
VDD/2
VDD/2
tPHZ
tPZL
tPZH
Waveform 1
Waveform 2
VOL +0.3V
VOH –0.3V
VOL
VOH
SEL
Input
tPLH
2.5V
2.5V
2.5V
2.5V
tPHL
3.5V
1.5V
Output
VOH
VOL
15-0127



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com