Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPM-25SV Datasheet(PDF) 4 Page - MicroPower Direct, LLC

Part # MPM-25SV
Description  25W Output Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-25SV Datasheet(HTML) 4 Page - MicroPower Direct, LLC

  MPM-25SV Datasheet HTML 1Page - MicroPower Direct, LLC MPM-25SV Datasheet HTML 2Page - MicroPower Direct, LLC MPM-25SV Datasheet HTML 3Page - MicroPower Direct, LLC MPM-25SV Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Mechanical Dimensions
Pin
Function
1
AC-Ground
2
AC-Neutral
3
AC-Line
4-VOUT
8+VOUT
Trim
VOUT Trim
Pin Connections
External Trim
Output Voltage (VDC)
3.3
5.0
9.0
12
15
24
48
R1
3.30 k
3.30 k
7.50 k
3.83 k
7.50 k
8.66 k
68.0 k
R2)
1.98 k
3.30 k
2.87 k
1.00 k
1.50 k
1.00 k
3.73 k
R3
1.00 k
1.00 k
1.00 k
1.00 k
1.00 k
1.00 k
1.00 k
VREF
1.24 V
2.50 V
2.50 V
2.50 V
2.50 V
2.50 V
2.50 V
External Trim Notes:
A
n external resistor can be used to adjust the converter
output up or down by about 10%. The connection is shown
in the diagram at left. The required resistor value is
calculated by the formulas:
Where:
RTRIM =
The value of the external trim
resistor
VTRIM =
The amount of voltage
adjustment required
The values for R1, R2, R3 and VREF are given in
the table below.
Trim Down = RTRIM =
R1 - A
A
$ R1 -R
3
Where A =
VREF
VTRIM - VREF $R
2
Trim UP = RTRIM =
R2 - A
A
$ R2 -R
3
Where A =
VTRIM - VREF
VREF
$ R1
If not used, the Trim pin should be left open. Please contact the factory for more information.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com