Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPM-25SV Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPM-25SV
Description  25W Output Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-25SV Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPM-25SV Datasheet HTML 1Page - MicroPower Direct, LLC MPM-25SV Datasheet HTML 2Page - MicroPower Direct, LLC MPM-25SV Datasheet HTML 3Page - MicroPower Direct, LLC MPM-25SV Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
305
VAC
100
430
VDC
Input Frequency
47
63
Hz
Input Current
See Model Selection Guide
Inrush Current
115 VAC
15.0
A Pk
230 VAC
30.0
Leakage Current
230 VAC/50 Hz
0.3
mA rms
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Trim Range
±10
%
Minimum Load
0
%
Output Voltage Accuracy
±2.0
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation
See Note 2
±1.0
%
Ripple & Noise (20 MHz)
See Note 3
50
100
mV Pk - Pk
Hold-Up Time
115 VAC
15
mSec
230 VAC
80
Temperature Coefficient
±0.02
%/°C
Short Circuit Protection
Continuous (Autorecovery)
Overload Protection
Autorecovery
110
%
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output, 60S
3,000
VAC
Input to FG, 60S
2,000
Switching Frequency
65
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+70
°C
Storage Temperature Range
-40
+105
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram On Page 4
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
4.22 Oz (120g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Lead Temperature, See Note 4
Wave Solder
260
°C
Hand Solder
360
Safety Standards
UL 60950, EN 60950
Safety Class
Class I
85 to 305 VAC Input, 25W
Miniature PC Mount
AC/DC Power Supplies
Key Features:
25W Output Power
Universal 85-305 VAC Input
EN 60950 Approved
Seven Single Output Models
Meets EN 55022 B
>300 kHour MTBF
Compact PC Mount Case
MPM-25SVSeries
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - MPM-25SV

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-25S MPD-MPM-25S Datasheet
217Kb / 2P
Universal Input, 25W Miniature, PC Mount AC/DC Power Supplies
MPM-25S-05 MPD-MPM-25S-05 Datasheet
217Kb / 2P
Universal Input, 25W Miniature, PC Mount AC/DC Power Supplies
MPM-25S-12 MPD-MPM-25S-12 Datasheet
217Kb / 2P
Universal Input, 25W Miniature, PC Mount AC/DC Power Supplies
MPM-25S-15 MPD-MPM-25S-15 Datasheet
217Kb / 2P
Universal Input, 25W Miniature, PC Mount AC/DC Power Supplies
MPM-25S-24 MPD-MPM-25S-24 Datasheet
217Kb / 2P
Universal Input, 25W Miniature, PC Mount AC/DC Power Supplies
More results

Similar Description - MPM-25SV

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAMD9227 DAICO-DAMD9227 Datasheet
148Kb / 1P
25W Power Output Amplifier
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PD-25 MEANWELL-PD-25 Datasheet
418Kb / 2P
25W Dual Output Switching Power Supply
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
PD-25 RSG-PD-25 Datasheet
221Kb / 2P
25W Dual Output Switching Power Supply
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
25W Single Output Switching Power Supply
logo
International Rectifier
IRAUDAMP7D IRF-IRAUDAMP7D_15 Datasheet
587Kb / 41P
25W-500W Scalable Output Power
IRAUDAMP7S IRF-IRAUDAMP7S_15 Datasheet
821Kb / 42P
25W-500W Scalable Output Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com