Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS16 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BAS16
Description  Fast Switching Speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAS16 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BAS16 Datasheet HTML 1Page - Nanjing International Group Co BAS16 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-23 Plastic-Encapsulate D
iodes
BAS16
SWITCHING DIODE
FEATURES
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
Marking: A6
Maximum Ratings @T
a=25
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak
Reverse Voltage
VRM
100
V
Peak Repetitive Peak
ReverseVoltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Peak
Forward Surge Current @t=1.0μs
@
t =1.0s
IFSM
2.0
1.0
A
Power Dissipation
PD
225
mW
Thermal Resistance Junction to Ambient
RθJA
556
℃/W
Junction
Temperature
Tj
150
Storage
Temperature
TSTG
-55~+150
ELECTRICAL CHARACTERISTICS (T
a=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
M
in
M
ax
U
nit
Reverse breakdown voltage
V(BR)
IR= 100µA
75
V
Reverse voltage leakage current
IR
VR=75V
1
µA
Forward voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
0.715
0.855
1
1.25
V
Diode capacitance
CD
VR=0, f=1MHz
2
pF
Reveres recovery time
trr
IF=IR=10mA,Irr=0.1×IR,
RL=100Ω
6
n
s
SOT-23
1
2
3
A,May,2011
DONGGUAN NANJING ELECTRONICS LTD.,


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
fast switching speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
Fast Switching Speed
logo
Nanjing International G...
BAV19W DGNJDZ-BAV19W Datasheet
111Kb / 3P
Fast switching speed
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
Fast Switching Speed
BAV23S DGNJDZ-BAV23S Datasheet
541Kb / 2P
Fast switching speed
logo
Inchange Semiconductor ...
2SK310 ISC-2SK310 Datasheet
65Kb / 2P
Fast Switching Speed
2SK387 ISC-2SK387 Datasheet
67Kb / 2P
Fast Switching Speed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com