Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

BAS16 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # BAS16
Description  Fast Switching Speed
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAS16 Datasheet(HTML) 2 Page - Nanjing International Group Co

  BAS16 Datasheet HTML 1Page - Nanjing International Group Co BAS16 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
25
50
75
100
125
150
0
50
100
150
200
250
300
0.0
0.4
0.8
1.2
1.6
0.1
1
10
100
0
20406080
1
10
100
1000
0
5
10
15
20
1.0
1.1
1.2
1.3
1.4
BAS16
Typical Characteristics
Power Derating Curve
AMBIENT TEMPERATURE
Ta
(
)
℃
300
30
3
0.3
FORWARD VOLTAGE
V
F
(V)
300
30
3
Ta=100℃
Ta=25℃
REVERSE VOLTAGE
V
R
(V)
Forward Characteristics
Reverse Characteristics
Ta=25℃
f=1MHz
Capacitance Characteristics
REVERSE VOLTAGE
V
R
(V)
A,May,2011



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com