Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMS5213 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS5213
Description  80mA, uCap, Low Dropout Voltage Regulator in SC70
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS5213 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMS5213 Datasheet HTML 2Page - National Semiconductor (TI) LMS5213 Datasheet HTML 3Page - National Semiconductor (TI) LMS5213 Datasheet HTML 4Page - National Semiconductor (TI) LMS5213 Datasheet HTML 5Page - National Semiconductor (TI) LMS5213 Datasheet HTML 6Page - National Semiconductor (TI) LMS5213 Datasheet HTML 7Page - National Semiconductor (TI) LMS5213 Datasheet HTML 8Page - National Semiconductor (TI) LMS5213 Datasheet HTML 9Page - National Semiconductor (TI) LMS5213 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Typical Characteristics Unless otherwise specified, T
A = 25˚C, VOUT = 2.8V, CL = 0.47µF (Continued)
Ground Current vs. Output Current
Ground Current vs. Supply Voltage
20010903
20010904
Ground Current vs. Temperature
Short Circuit Current vs. Input Voltage
20010913
20010905
Output Voltage vs. Temperature
Load Transient
20010902
20010914
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com