Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LMS5213 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS5213
Description  80mA, uCap, Low Dropout Voltage Regulator in SC70
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS5213 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMS5213 Datasheet HTML 1Page - National Semiconductor (TI) LMS5213 Datasheet HTML 2Page - National Semiconductor (TI) LMS5213 Datasheet HTML 3Page - National Semiconductor (TI) LMS5213 Datasheet HTML 4Page - National Semiconductor (TI) LMS5213 Datasheet HTML 5Page - National Semiconductor (TI) LMS5213 Datasheet HTML 6Page - National Semiconductor (TI) LMS5213 Datasheet HTML 7Page - National Semiconductor (TI) LMS5213 Datasheet HTML 8Page - National Semiconductor (TI) LMS5213 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LMS5213
80mA, µCap, Low Dropout Voltage Regulator in SC70
General Description
The LMS5213 is a µCap, low dropout voltage regulator
with very low quiescent current, 220µA typical, at 80mA
load. It also has very low dropout voltage, typically 20mV
at light load and 330mV at 80mA.
The LMS5213 provides up to 80mA and consumes a typical
of 1µA in disable mode.
The LMS5213 is optimized to work with low value, low cost
ceramic capacitors. The output typically require only 0.47µF
of output capacitance for stability. The enable pin can be tied
to V
IN for easy device layout.
The LMS5213 is designed for portable, battery powered
equipment applications with small space requirements.
The LMS5213 is available in a space saving 5-pin SC70
package. Performance is specified for the −40˚C to +125˚C
temperature range and is available in 2.8V, 3.0V and 3.3V
fixed voltages. For other output voltage options, please con-
tact National Semiconductor.
Features
n
Space saving SC70 package
n
Available in 2.8V, 3.0V, and 3.3V fixed voltages
n
Guaranteed 80mA output
n
Low quiescent current
n
Low dropout voltage
n
Low temperature coefficient
n
Current and thermal limiting
n
Logic-controlled shutdown
n
Stability with low-ESR ceramic capacitors
n
Pin-to-pin replacement for Mic5213
Applications
n
Cellular Phones
n
Battery-powered equipment
n
Bar code scanner
n
Laptop/palmtop computer
n
High-efficiency linear power supplies
Typical Application
20010919
January 2004
© 2004 National Semiconductor Corporation
DS200109
www.national.com


Similar Part No. - LMS5213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS5214 NSC-LMS5214 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
LMS5214IMG-2.5 NSC-LMS5214IMG-2.5 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
LMS5214IMG-2.6 NSC-LMS5214IMG-2.6 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
LMS5214IMG-2.8 NSC-LMS5214IMG-2.8 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
LMS5214IMG-2.9 NSC-LMS5214IMG-2.9 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
More results

Similar Description - LMS5213

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS5214 NSC-LMS5214 Datasheet
286Kb / 10P
80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
logo
Semtech Corporation
SC5203 SEMTECH-SC5203 Datasheet
115Kb / 4P
80mA ULTRA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
關Cap??80mA Low-Dropout Voltage Regulator
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
750mA UCap Low-Voltage Low-Dropout Regulator
MIIC5271 MICREL-MIIC5271 Datasheet
117Kb / 10P
UCAP NEGATIVE LOW DROPOUT REGULATOR
logo
Fairchild Semiconductor
ILC7010 FAIRCHILD-ILC7010 Datasheet
369Kb / 11P
80mA SC70 Low Noise CMOS RF-LDO Regulator
logo
Taiwan Semiconductor Co...
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
80mA CMOS Low Dropout Voltage Regulator with Enable
logo
Texas Instruments
TPS71401 TI-TPS71401 Datasheet
688Kb / 16P
80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
logo
Micrel Semiconductor
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
關Cap 80mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com