Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLC405 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC405
Description  Low-Cost, Low-Power, 110MHz Op Amp with Disable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC405 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  CLC405 Datasheet HTML 1Page - National Semiconductor (TI) CLC405 Datasheet HTML 2Page - National Semiconductor (TI) CLC405 Datasheet HTML 3Page - National Semiconductor (TI) CLC405 Datasheet HTML 4Page - National Semiconductor (TI) CLC405 Datasheet HTML 5Page - National Semiconductor (TI) CLC405 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Amplitude Equalization
Sending signals over coaxial cable greater than 50
meters in length will attenuate high frequency signal
components. Equalizers restore the attenuated com-
ponents of this signal. The circuit in Figure 4, is an op
amp equalizer. The RC networks peak the response of
the CLC405 at higher frequencies.
This peaking
restores cable-attenuated frequencies. Graph 2 shows
how the equalizer actually restored a digital word
through 150 meters of coaxial cable.
Figure 4
Graph 2
Amplitude Equalizer
Place the first zero (fz1) at some low frequency (540
khz for Graph 2).
R1 & C1 produce a pole (fp1 @
750khz) that cancels fz1. Place a second zero at a
higher frequency (fz2 @ 12Mhz). R2 & C2 provide a
canceling pole (of fp2 = 25Mhz).
Graph 3 shows the closed loop response of the op
amp equalizer with equations for the poles, zeros,
and gains.
Graph 3
Note: For very-high frequency equalization, use a higher
bandwidth part (i.e. CLC44X)
Ordering Information
Model
Temperature Range
Description
CLC405AJP
-40˚C to +85˚C
8-pin PDIP
CLC405AJE
-40˚C to +85˚C
8-pin SOIC
CLC405AIB
-40˚C to +85˚C
8-pin CerDIP
CLC405ALC
-40˚C to +85˚C
dice
CLC405AMC
-55˚C to +125˚C
dice, MIL-STD-883
CLC405A8B
-55˚C to +125˚C
8-pin CerDIP, MIL-STD-883
Contact factory for other packages and DESC SMD number.
Package Thermal Resistance
Package
θθjc
θθjA
Plastic (AJP)
75˚/W
125˚/W
Surface Mount (AJE)
130˚/W
150˚/W
CerDip
65˚/W
155˚/W
Rf = 348
Ω
+
-
CLC405
Rg
Input
Rt
Output
C1
R1
C2
R2
RC Networks
Coaxial Cable
Digital Word Amplitude Equalization
Time (200ns/div)
Unequalized
Equalized
Closed Loop Equalizer Frequency Response
Frequency (Hz)
fz
1
2R C
R C
1
11
g
1
=
+
()
π
fp
1
2R C
1
11
=
π
fz
1
2R C
R C
2
22
eq
2
=
+
()
π
fp
1
2R C
2
22
=
π
R
R llR
eq
1
g
=
fz1
fp1
fz2
fp1
G1
G2
G
20log (1
R
2R
)
1
g
1
=+
G
20log (1
R
2R
)
2
eq
2
=+
The values used to produce Graph 2 are:
Rg = 348Ω
C1 = 470pF
C2 = 70pF
R1 = 450Ω
R2 = 90Ω
http://www.national.com
6
Customer Design Applications Support
National Semiconductor is committed to design excellence. For sales, literature and technical support, call the
National Semiconductor Customer Response Group at 1-800-272-9959 or fax 1-800-737-7018.
Life Support Policy
National’s products are not authorized for use as critical components in life support devices or systems without the express written approval of
the president of National Semiconductor Corporation. As used herein:
1. Life support devices or systems are devices or systems which, a) are intended for surgical implant into the body, or b) support or
sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can
be reasonably expected to result in a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to
cause the failure of the life support device or system, or to affect its safety or effectiveness.
National Semiconductor
National Semiconductor
National Semiconductor
National Semiconductor
Corporation
Europe
Hong Kong Ltd.
Japan Ltd.
1111 West Bardin Road
Fax: (+49) 0-180-530 85 86
2501 Miramar Tower
Tel: 81-043-299-2309
Arlington, TX 76017
E-mail: europe.support.nsc.com
1-23 Kimberley Road
Fax: 81-043-299-2408
Tel: 1(800) 272-9959
Deutsch Tel: (+49) 0-180-530 85 85
Tsimshatsui, Kowloon
Fax: 1(800) 737-7018
English Tel: (+49) 0-180-532 78 32
Hong Kong
Francais Tel: (+49) 0-180-532 93 58
Tel: (852) 2737-1600
Italiano Tel: (+49) 0-180-534 16 80
Fax: (852) 2736-9960
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves the right at any time without notice to change said
circuitry and specifications.
N



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com