Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLC405 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC405
Description  Low-Cost, Low-Power, 110MHz Op Amp with Disable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC405 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC405 Datasheet HTML 1Page - National Semiconductor (TI) CLC405 Datasheet HTML 2Page - National Semiconductor (TI) CLC405 Datasheet HTML 3Page - National Semiconductor (TI) CLC405 Datasheet HTML 4Page - National Semiconductor (TI) CLC405 Datasheet HTML 5Page - National Semiconductor (TI) CLC405 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Frequency Response (Av = +2V/V)
Features
s
Low-cost
s
Very low input bias current: 100nA
s
High input impedance: 6M
s
110MHz -3dB bandwidth (Av = +2)
s
Low power: Icc = 3.5mA
s
Ultra-fast enable/disable times
s
High output current: 60mA
Applications
s
Desktop video systems
s
Multiplexers
s
Video distribution
s
Flash A/D driver
s
High-speed switch/driver
s
High-source impedance applications
s
Peak detector circuits
s
Professional video processing
s
High resolution monitors
Typical Application
Wideband Digitally Controlled
Programmable Gain Amplifier
Pinout
DIP & SOIC
General Description
The CLC405 is a low-cost, wideband (110MHz) op amp featur-
ing a TTL-compatible disable which quickly switches off in 18ns
and back on in 40ns. While disabled, the CLC405 has a very high
input/output impedance and its total power consumption drops to
a mere 8mW. When enabled, the CLC405 consumes only 35mW
and can source or sink an output current of 60mA.
These
features make the CLC405 a versatile, high-speed solution for
demanding applications that are sensitive to both power and cost.
Utilizing National’s proven architectures, this current feedback
amplifier surpasses the performance of alternative solutions and
sets new standards for low power at a low price. This power-
conserving op amp achieves low distortion with -72dBc and
-70dBc for second and third harmonics respectively. Many high
source impedance applications will benefit from the CLC405’s
6M
Ω input impedance. And finally, designers will have a bipolar
part with an exceptionally low 100nA non-inverting bias current.
With 0.1dB flatness to 50MHz and low differential gain and phase
errors, the CLC405 is an ideal part for professional video
processing and distribution. However, the 110MHz -3dB band-
width (Av = +2) coupled with a 350V/µs slew rate also make the
CLC405 a perfect choice in cost-sensitive applications such as
video monitors, fax machines, copiers, and CATV systems.
CLC405
Low-Cost, Low-Power, 110MHz Op Amp with Disable
N
June 1999
© 1999 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC405

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC405 TI1-CLC405 Datasheet
547Kb / 15P
Low Cost, Low Power, 110MHz Op Amp with Disable
logo
Cadeka Microcircuits LL...
CLC4050 CADEKA-CLC4050 Datasheet
2Mb / 17P
Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC4050 EXAR-CLC4050 Datasheet
1Mb / 17P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
logo
Cadeka Microcircuits LL...
CLC4050ISO14X CADEKA-CLC4050ISO14X Datasheet
2Mb / 17P
Low Power, 3V to 36V, Single, Dual, Quad Amplifiers
logo
Exar Corporation
CLC4050ISO14X EXAR-CLC4050ISO14X Datasheet
1Mb / 17P
Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
More results

Similar Description - CLC405

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD810 AD-AD810 Datasheet
514Kb / 16P
Low Power Video Op Amp with Disable
REV.A
AD818 AD-AD818 Datasheet
353Kb / 12P
Low Cost, Low Power Video Op Amp
AD818 AD-AD818_03 Datasheet
924Kb / 16P
Low Cost, Low Power Video Op Amp
REV. C
AD818 AD-AD818_10 Datasheet
563Kb / 15P
Low Cost, Low Power Video Op Amp
REV. D
AD810AR-EBZ AD-AD810AR-EBZ Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
339Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810ARZ AD-AD810ARZ Datasheet
527Kb / 16P
Low Power Video Op Amp with Disable
REV. A
AD810 AD-AD810_15 Datasheet
517Kb / 16P
Low Power Video Op Amp with Disable
REV. A
logo
Texas Instruments
CLC405 TI1-CLC405 Datasheet
547Kb / 15P
Low Cost, Low Power, 110MHz Op Amp with Disable
logo
Analog Devices
AD810 AD-AD810_17 Datasheet
549Kb / 17P
Low Power Video Op Amp with Disable
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com