Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT640 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT640
Description  3(18) Series of Encoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT640 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT640 Datasheet HTML 1Page - Holtek Semiconductor Inc HT640 Datasheet HTML 2Page - Holtek Semiconductor Inc HT640 Datasheet HTML 3Page - Holtek Semiconductor Inc HT640 Datasheet HTML 4Page - Holtek Semiconductor Inc HT640 Datasheet HTML 5Page - Holtek Semiconductor Inc HT640 Datasheet HTML 6Page - Holtek Semiconductor Inc HT640 Datasheet HTML 7Page - Holtek Semiconductor Inc HT640 Datasheet HTML 8Page - Holtek Semiconductor Inc HT640 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pin Description
Pin Name I/O
Internal
Connection
Description
A0~A11
I
TRANSMISSION
GATE
Input pins for address A0~A11 setting
They can be externally set to VDD, VSS, or left open.
AD10~AD17
I
TRANSMISSION
GATE
Input pins for address/data (AD10~AD17) setting
They can be externally set to VDD, VSS, or left open.
D12~D17
I
CMOS IN
Pull-low
Input pins for data (D12~D17) setting and transmission
enable (active high)
They an be externally set to VDD or left open (see Note).
DOUT
O
CMOS OUT
Encoder data serial transmission output
LED
O
NMOS OUT
LED transmission enable indicator
TE
I
CMOS IN
Pull-low
Transmission enable, active high (see Note).
OSC1
I
OSCILLATOR
Oscillator input pin
OSC2
O
OSCILLATOR
Oscillator output pin
VSS
I
¾
Negative power supply (GND)
VDD
I
¾
Positive power supply
Notes: D12~D17 are data input and transmission enable pins of the HT6187/HT6207/HT6247.
TE is the transmission enable pin of the HT600/HT640/HT680.
318 Series of Encoders
3
July 8, 1999
DAT A t r i g g e r t y p e
9 - A d d r ess
3 - D a t a
10- A d d r ess
4 - D a t a
H T 6207
2 0 D I P/ SO P
H T 6187
18 D I P
9 - A d d r e s s
3 - D a t a
H T 6187
20 S O P
12- A d d r e ss
6 - D a t a
H T 6247
2 4 SO P/ SD I P
A1 1
D1 2
D1 4
D1 5
DO UT
LE D
OS C 2
OS C 1
VS S
A9
A8
A7
A6
A3
A2
A1
A0
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
NC
A1 1
D1 2
D1 4
D1 5
DO UT
LE D
OS C 2
OS C 1
VS S
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
VD D
A9
A8
A7
A6
A3
A2
A1
A0
A1 1
D1 2
D1 3
D1 4
D1 5
DO UT
LE D
OS C 2
OS C 1
VS S
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VD D
A9
A8
A7
A6
A4
A3
A2
A1
A0
A1 1
D1 2
D1 3
D1 4
D1 5
D1 6
D1 7
DO UT
LE D
OS C 2
OS C 1
VS S
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VD D
A1 0
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
VD D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com