Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT640 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT640
Description  3(18) Series of Encoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT640 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT640 Datasheet HTML 1Page - Holtek Semiconductor Inc HT640 Datasheet HTML 2Page - Holtek Semiconductor Inc HT640 Datasheet HTML 3Page - Holtek Semiconductor Inc HT640 Datasheet HTML 4Page - Holtek Semiconductor Inc HT640 Datasheet HTML 5Page - Holtek Semiconductor Inc HT640 Datasheet HTML 6Page - Holtek Semiconductor Inc HT640 Datasheet HTML 7Page - Holtek Semiconductor Inc HT640 Datasheet HTML 8Page - Holtek Semiconductor Inc HT640 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Approximate internal connection circuits
Absolute Maximum Ratings
Supply Voltage...............................-0.3V to 13V
Input Voltage ...................VSS-0.3 to VDD+0.3V
Storage Temperature.................-50°Cto125°C
Operating Temperature ..............-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under ²Absolute Maxi-
mum Ratings² may cause substantial damage to the device. Functional operation of this de-
vice at other conditions beyond those listed in the specification is not implied and prolonged
exposure to extreme conditions may affect device reliability.
Electrical Characteristics
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
¾
12
V
ISTB
Standby Current
3V
Oscillator stops
¾
0.1
1
mA
12V
¾
24
mA
IDD
Operating Current
5V No load
fOSC=100kHz
¾
250
500
mA
12V
¾
1200
2400
mA
ILED
LED Sink Current
5V VLED=0.5V
1.5
3
¾
mA
IDOUT Output Drive Current
5V VOH=0.9VDD (Source)
-0.6
-1.2
¾
mA
5V VOL=0.1VDD (Sink)
0.6
1.2
¾
mA
318 Series of Encoders
4
July 8, 1999
T R AN SM I S SI O N
GA T E
CM O S I N
Pu l l - l o w
CM O S O UT
OS C I L L A T OR
OS C 1
OS C 2
EN
NM O S O UT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com