Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E2AS Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # E2AS
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

E2AS Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  E2AS Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. E2AS Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E2 S THRU E2JS
A
SURFACE MOUNT GLASS PASSIVATED JUNCTION
SUPER FAST RECOVERY RECTIFIER
Reverse Voltage: 50 to 600 Volts
Forward Current:2.0Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note: 1.Test conditions: IF=0.5A,IR=1.0A,IRR=0.25A.
(Rating at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,60HZ,resistive or inductive load.
For capacitive load,derate current by 20%.)
°
2.Measured at 1MHZ and applied reverse voltage of 4.0 Volts.
°
Glass passivated cavity-free junction
Ideal for surface mount automotive applications
Superfast reverse recovery time
Easy pick and place
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Lead (Pb)-free component
Component in accordance to RoHS 2011/65/EU
High temperature soldering guaranteed:260 C/10 seconds at terminals
Maximum Repetitive Peak Reverse Voltage
VRRM
Volts
Volts
Volts
Volts
P
F
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TJ
,TSTG
VF
IR
CJ
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Ta=50 C
°
Maximum Instantaneous Forward Voltage
at 2.0 A
Operating Junction and Storage Temperature
Maximum Reverse Recovery Time(Note1)
Typical Junction Capacitance(Note2)
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
90
-55 to+150
100
35
40
5
°C
R
JA
θ
50
50
35
100
100
70
200
200
140
600
400
600
400
420
280
50
10
.
ns
Trr
2.0
T =25 C
A
°
T =125 C
A
°
R
SEMICONDUCT OR
Symbols
Units
Case: SOD 123F molded plastic body
Terminals: Solder Plated, solderable per MIL-STD-750,method 2026
Polarity: Color band denotes cathode end
-
E2
1.3
17
.
°C/W
Typical Thermal Resistance Note3
()
3 P C B mounted with 1 0x1 0
2 54x2 54cm copper pad areas
.. . .
.
. "( .
.
)
.
A
Dimensions in inches and (millimeters)
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
2-1
AS
BS
DS
GS
JS
JF
SOD 123F
-
0.063(1.6 )
0.051(1.3)
5°
0.110(2.8 )
0.094(2.4)
0.146(3.70)
0.128(3.25)
0.193(4.90)
0.172(4.35)
0.059(1.5)
0.035(0.9)
0.012(0 3)
.
0.004(0.1)
0.047(1.2)
0.028(0.6)


Similar Part No. - E2AS

ManufacturerPart #DatasheetDescription
logo
Premier Magnetics, Inc.
E2AS1203NX PMI-E2AS1203NX Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
E2AS1205NX PMI-E2AS1205NX Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
E2AS1212NX PMI-E2AS1212NX Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
E2AS1215NX PMI-E2AS1215NX Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
E2AS2403NX PMI-E2AS2403NX Datasheet
31Kb / 2P
5-6 WATT 2:1 WIDE INPUT RANGE DC/DC POWER MODULES Remote ON/OFF Option (Rectangle Package)
More results

Similar Description - E2AS

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGF10A ZOWIE-RGF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF15A ZOWIE-RGF15A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF30A ZOWIE-RGF30A Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
RGF30AH ZOWIE-RGF30AH Datasheet
64Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
Jinan Jing Heng Electro...
E1AS JINGHENG-E1AS Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES1A JINGHENG-ES1A Datasheet
49Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES1AF JINGHENG-ES1AF Datasheet
64Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES2A JINGHENG-ES2A Datasheet
47Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES2AF JINGHENG-ES2AF Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
ES3A JINGHENG-ES3A Datasheet
46Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com