Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

E2AS Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # E2AS
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

E2AS Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  E2AS Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. E2AS Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
A
E2S THRU E2JS
0.1
1
100
10
0.01
0.10
1.00
0
20
10
30
70
60
50
40
10.00
20
0
40
60
80
100 110
15
50
10
100
0.2
0.6
2.2
1.0
1.4
1.8
0
25
50
75
100
125
150
175
0
1.0
2.0
FIG.1- FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL
TANTANEOUS
INS
FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
NUMBER OF CYCLES AT 60Hz
CASE TEMPERATURE (°C)
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
T =125 C
J
°
T =25 C
J
°
1
0.10.2
1.0
4
0.4
10
40
20
100
2
2
6
10
60
40
4
20
FIG.5-TYPICAL JUNCTION CAPACITANCE
T =25°C
J
Resistive or Inductive Load
Pulse Width=300 s
1% Duty Cycle
E2JS
200
100
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENG CN
://
.
2-2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com