Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLC407 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC407
Description  Low-Cost, Low-Power Programmable Gain Buffer with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC407 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC407 Datasheet HTML 1Page - National Semiconductor (TI) CLC407 Datasheet HTML 2Page - National Semiconductor (TI) CLC407 Datasheet HTML 3Page - National Semiconductor (TI) CLC407 Datasheet HTML 4Page - National Semiconductor (TI) CLC407 Datasheet HTML 5Page - National Semiconductor (TI) CLC407 Datasheet HTML 6Page - National Semiconductor (TI) CLC407 Datasheet HTML 7Page - National Semiconductor (TI) CLC407 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CLC407 Typical Performance Characteristics (A
V = +2, Rf = 250Ω: Vcc = + 5V, RL = 100Ω unless specified)
Frequency Response
1
10
100
Frequency (MHz)
Gain
Phase
AV+2
AV+1
AV+1
AV-1
AV+2
AV -1
Frequency Response vs. RL
-180
-90
-135
-45
0
1
10
100
Frequency (MHz)
Gain
Phase
RL =50
RL =100
RL =1k
RL =50
RL =100
RL =1k
Frequency Response vs. Vout (Av = +2)
-180
-90
-135
-45
0
1
10
100
Frequency (MHz)
Gain
Phase
VO =1Vpp
VO =0.2Vpp
VO =5Vpp
VO =2Vpp
VO =5Vpp
VO =0.2Vpp
VO =1Vpp
VO =2Vpp
Frequency Response vs. Vout (Av = +1)
-180
-90
-135
-45
0
1
10
100
Frequency (MHz)
Gain
Phase
VO =1Vpp
VO =0.2Vpp
VO =2Vpp
VO =4Vpp
VO =2Vpp
VO =4Vpp
VO =1Vpp
VO =0.2Vpp
Frequency Response vs. Vout (Av = -1)
-360
-270
-315
-225
-180
1
10
100
Frequency (MHz)
Gain
Phase
VO =1Vpp
VO =0.2Vpp
VO =2Vpp
VO =4Vpp
VO =2Vpp
VO =4Vpp
VO =1Vpp
VO =0.2Vpp
Frequency Response vs. Capacitive Load
-180
-90
-135
-45
0
1
10
100
Frequency (MHz)
Gain
Phase
CL =1kpF
Rs=10
CL =100pF
Rs= 30
CL =10pF
Rs=100
CL =1kpF
CL =100pF
CL =10pF
Maximum Output Voltage vs. RL
Load (
Ω)
7.0
6.0
5.0
4.0
3.0
2.0
100
0
200
300
400
500
Gain Flatness & Linear Phase Deviation
0
15
30
Frequency (MHz)
Gain
Phase
Equivalent Input Noise
Frequency (Hz)
100
10
1
1k
100
10k
100k
1M
10M
100
10
1
Inverting Current = 12pA/
√Hz
Voltage = 5nV/
√Hz
Non-Inverting Current = 3pA/
√Hz
2nd & 3rd Harmonic Distortion
Frequency (MHz)
-40
-50
-90
0.1
1
10
-70
-80
-60
3rd Rl = 100
2nd Rl = 1k
3rd Rl = 1k
2nd Rl = 100
Vo = 2Vpp
2nd Harmonic Distortion vs. Pout
Output Power (dBm)
-45
-55
-85
-10
0
10
-65
-75
500KHz
1MHz
5MHz
10MHz
10dBm = 2Vpp
0dBm = .63Vpp
+
-
50
50
Pout
3rd Harmonic Distortion vs. Pout
Output Power (dBm)
-45
-55
-85
-10
0
10
-65
-75
10dBm = 2Vpp
0dBm = .63Vpp
+
-
50
50
Pout
500KHz
1MHz
5MHz
10MHz
Output Resistance vs. Frequency
Frequency (MHz)
50
30
1
10
100
-10
-30
10
-50
Forward & Reverse Isolation During Disable
1
10
100
Frequency (MHz)
Forward
Reverse
-20
-40
-60
-80
-100
-120
Differential Gain & Phase
1
2
4
Number of 150
Ω Loads
0.20
0.15
0.10
0.05
0
1.00
0.75
0.50
0.25
0
Phase
Gain
3
3
http://www.national.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com