Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CLC407 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC407
Description  Low-Cost, Low-Power Programmable Gain Buffer with Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC407 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC407 Datasheet HTML 1Page - National Semiconductor (TI) CLC407 Datasheet HTML 2Page - National Semiconductor (TI) CLC407 Datasheet HTML 3Page - National Semiconductor (TI) CLC407 Datasheet HTML 4Page - National Semiconductor (TI) CLC407 Datasheet HTML 5Page - National Semiconductor (TI) CLC407 Datasheet HTML 6Page - National Semiconductor (TI) CLC407 Datasheet HTML 7Page - National Semiconductor (TI) CLC407 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Frequency Response (AV = +2V/V)
Features
s
Low-cost
s
High output current: 60mA
s
High input impedance: 6M
s
Gains of +1, +2 with no external components
s
Low power: Icc = 3.5mA
s
Ultra-fast enable/disable times
s
Very low input bias currents: 100nA
s
Excellent gain accuracy: 0.1%
s
High speed: 110MHz -3dB BW
Applications
s
Desktop video systems
s
Multiplexers
s
Video distribution
s
Flash A/D driver
s
High-speed switch/driver
s
High-source impedance applications
s
Peak detector circuits
s
Professional video processing
s
High resolution monitors
NOTE: All necessary components are shown.
Typical Application
2:1 Mux Cable Driver
Pinout
DIP & SOIC
General Description
The Comlinear CLC407 is a low-cost, high-speed (110MHz)
buffer which features user-programmable gains of +2, +1, and -1
V/V. This high-performance part has the added versatility of a
TTL-compatible disable which quickly switches the buffer off in
18ns and back on in 40ns. The CLC407’s high 60mA output
current, coupled with its ultra-low 35mW power consumption
makes it the ideal choice for demanding applications that are
sensitive to both power and cost.
Utilizing Comlinear’s proven architectures, this current feedback
amplifier surpasses the performance of alternate solutions with a
closed-loop design that produces new standards for buffers in
gain accuracy, input impedance, and input bias currents. The
CLC407’s internal feedback network provides an excellent gain
accuracy of 0.1%.
High source impedance applications will
benefit from the CLC407’s 6M
Ω input impedance along with its
exceptionally low 100nA input bias current.
With 0.1dB flatness to 30MHz and low differential gain and phase
errors, the CLC407 is very useful for professional video process-
ing and distribution. A 110MHz -3dB bandwidth coupled with a
350V/
µs slew rate also make the CLC407 a perfect choice in
cost-sensitive applications such as video monitors, fax machines,
copiers, and CATV systems. Back-terminated video applications
will especially appreciate +2 gains which require no external gain
components reducing inventory costs and board space.
Comlinear CLC407
Low-Cost, Low-Power
Programmable Gain Buffer with Disable
N
August 1996
© 1996 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC407

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CLC40 ETC-CLC40 Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L05 ETC-CLC40-L05 Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L15 ETC-CLC40-L15 Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-L50 ETC-CLC40-L50 Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
CLC40-S ETC-CLC40-S Datasheet
66Kb / 4P
Fllstandssensoren Schaltverstarker Baureihe CLC
More results

Similar Description - CLC407

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC405 NSC-CLC405 Datasheet
299Kb / 6P
Low-Cost, Low-Power, 110MHz Op Amp with Disable
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
National Semiconductor ...
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
650 MHz Progammable Gain Buffer with Disable
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
Dual Low-Power, Programmable Gain Buffer
logo
Intersil Corporation
HFA1412 INTERSIL-HFA1412_06 Datasheet
330Kb / 13P
Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
logo
National Semiconductor ...
LMH6704 NSC-LMH6704_14 Datasheet
944Kb / 20P
MHz Selectable Gain Buffer with Disable
logo
Texas Instruments
CLC405 TI1-CLC405 Datasheet
547Kb / 15P
Low Cost, Low Power, 110MHz Op Amp with Disable
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
650 MHz Selectable Gain Buffer with Disable
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1412 RENESAS-HFA1412 Datasheet
738Kb / 13P
Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com