Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VRX3-DIP Datasheet(PDF) 3 Page - CUI INC

Part # VRX3-DIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VRX3-DIP Datasheet(HTML) 3 Page - CUI INC

  VRX3-DIP Datasheet HTML 1Page - CUI INC VRX3-DIP Datasheet HTML 2Page - CUI INC VRX3-DIP Datasheet HTML 3Page - CUI INC VRX3-DIP Datasheet HTML 4Page - CUI INC VRX3-DIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VRX3-DIP │ DESCRIPTION: DC-DC CONVERTER
date
09/11/2012 │ page 3 of 5
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
1.252 x 0.787 x 0.394 (31.80 x 20.00 x 10.00 mm)
inch
case material
stainless steel
weight
14
g
2
39 10 11
23 22
16 15 14
2.54 [0.100]
31.80 [1.252]
22.86 [0.900]
0.50 [0.020]
2
3
91011
23 22
16 15 14
2.54 [0.100]
22.86 [0.900]
4.47 [0.176]
(Bottom View)
(Side View)
∅1.00 [0.039]
MECHANICAL DRAWING
PIN CONNECTIONS
SERIES
VRA3
VRB3
PIN
FUNCTION
FUNCTION
2,3
GND
GND
9NC
0 V
10,15
NC
NC
11
NC
-Vo
14
+Vo
+Vo
16
0 V
0 V
22,23
+Vin
+Vin
units: mm [inches]
tolerance: ±0.25 [±0.010]
pin section tolerance: ±0.10 mm [±0.004]
100
80
60
40
20
Ambient Temperature (°C)
-40
-20
0
20
40
60 71
85
100
120
DERATING CURVES
1. output power vs. ambient temperature
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com