Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VRX3-DIP Datasheet(PDF) 1 Page - CUI INC

Part # VRX3-DIP
Description  DC-DC CONVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VRX3-DIP Datasheet(HTML) 1 Page - CUI INC

  VRX3-DIP Datasheet HTML 1Page - CUI INC VRX3-DIP Datasheet HTML 2Page - CUI INC VRX3-DIP Datasheet HTML 3Page - CUI INC VRX3-DIP Datasheet HTML 4Page - CUI INC VRX3-DIP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
09/11/2012
page
1 of 5
SERIES:
VRX3-DIP │ DESCRIPTION: DC-DC CONVERTER
date
09/11/2012
page
1 of 5
FEATURES
• 3 W isolated output
• wide input (2:1)
• industry standard 10 pin DIP package
• no heatsink required
• unregulated outputs
• 1,500 V isolation
RoHS
MODEL
input
voltage
output
voltage
output
current
output
power
ripple
and noise1
efficiency
typ
(Vdc)
range
(Vdc)
(Vdc)
min
(mA)
max
(mA)
max
(W)
typ
(mVp-p)
typ
(%)
VRA3-D5-D5-DIP
5
4.5~9.0
±5
±30
±200
3
50
68
VRA3-D5-D9-DIP
5
4.5~9.0
±9
±16
±167
3
50
70
VRA3-D5-D12-DIP
5
4.5~9.0
±12
±12
±125
3
50
72
VRA3-D5-D15-DIP
5
4.5~9.0
±15
±10
±100
3
50
73
VRA3-D12-D5-DIP
12
9.0~18.0
±5
±30
±200
3
50
74
VRA3-D12-D9-DIP
12
9.0~18.0
±9
±16
±167
3
50
76
VRA3-D12-D12-DIP
12
9.0~18.0
±12
±12
±125
3
50
78
VRA3-D12-D15-DIP
12
9.0~18.0
±15
±10
±100
3
50
79
VRA3-D24-D5-DIP
24
18.0~36.0
±5
±30
±200
3
50
77
VRA3-D24-D9-DIP
24
18.0~36.0
±9
±16
±167
3
50
78
VRA3-D24-D12-DIP
24
18.0~36.0
±12
±12
±125
3
50
79
VRA3-D24-D15-DIP
24
18.0~36.0
±15
±10
±100
3
50
80
VRA3-D48-D5-DIP
48
36.0~72.0
±5
±30
±200
3
50
77
VRA3-D48-D9-DIP
48
36.0~72.0
±9
±16
±167
3
50
78
VRA3-D48-D12-DIP
48
36.0~72.0
±12
±12
±125
3
50
79
VRA3-D48-D15-DIP
48
36.0~72.0
±15
±10
±100
3
50
80
VRB3-D5-S5-DIP
5
4.5~9.0
5
60
600
3
50
68
VRB3-D5-S9-DIP
5
4.5~9.0
9
33
333
3
50
70
VRB3-D5-S12-DIP
5
4.5~9.0
12
25
250
3
50
72
VRB3-D5-S15-DIP
5
4.5~9.0
15
20
200
3
50
73
VRB3-D12-S5-DIP
12
9.0~18.0
5
60
600
3
50
74
VRB3-D12-S9-DIP
12
9.0~18.0
9
33
333
3
50
76
VRB3-D12-S12-DIP
12
9.0~18.0
12
25
250
3
50
78
VRB3-D12-S15-DIP
12
9.0~18.0
15
20
200
3
50
77
VRB3-D24-S5-DIP
24
18.0~36.0
5
60
600
3
50
77
VRB3-D24-S9-DIP
24
18.0~36.0
9
33
333
3
50
78
VRB3-D24-S12-DIP
24
18.0~36.0
12
25
250
3
50
79
VRB3-D24-S15-DIP
24
18.0~36.0
15
20
200
3
50
80
VRB3-D48-S5-DIP
48
36.0~72.0
5
60
600
3
50
77
VRB3-D48-S9-DIP
48
36.0~72.0
9
33
333
3
50
78
VRB3-D48-S12-DIP
48
36.0~72.0
12
25
250
3
50
79
VRB3-D48-S15-DIP
48
36.0~72.0
15
20
200
3
50
80
Notes:
1. ripple and noise are measured at 20 MHz BW
• short circuit protection
• wide temperature (-40~85°C)
• efficiency up to 80%
For more information, please visit the product page.


Similar Part No. - VRX3-DIP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
VRX2008R TRIPPLITE-VRX2008R Datasheet
518Kb / 2P
1000 Watt Voltage Regulator - Automatic voltage
logo
Bel Fuse Inc.
VRXE-18AS10 BEL-VRXE-18AS10 Datasheet
125Kb / 6P
NON-ISOLATED DC/DC CONVERTERS
VRXZ-01RD10 BEL-VRXZ-01RD10 Datasheet
105Kb / 4P
ISOLATED DC/DC CONVERTERS
VRXZ-01RD20 BEL-VRXZ-01RD20 Datasheet
105Kb / 4P
ISOLATED DC/DC CONVERTERS
VRXZ-01RDX0 BEL-VRXZ-01RDX0 Datasheet
105Kb / 4P
ISOLATED DC/DC CONVERTERS
More results

Similar Description - VRX3-DIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com