Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 8Page - Texas Instruments TMS320F2811 Datasheet HTML 9Page - Texas Instruments TMS320F2811 Datasheet HTML 10Page - Texas Instruments TMS320F2811 Datasheet HTML 11Page - Texas Instruments TMS320F2811 Datasheet HTML 12Page - Texas Instruments TMS320F2811 Datasheet HTML 13Page - Texas Instruments TMS320F2811 Datasheet HTML 14Page - Texas Instruments TMS320F2811 Datasheet HTML 15Page - Texas Instruments TMS320F2811 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
memory map
Block
Start Address
0x0000–0000
M0 Vector – RAM (32
× 32)
(enabled if VMAP = 0)
Data Space
Prog Space
M0 SARAM (1K
× 16)
M1 SARAM (1K
× 16)
Peripheral Frame 0
(2K
× 16)
0x0000–0040
0x0000–0400
0x0000–0800
PIE Vector - RAM
(256
× 16)
(enabled if VMAP = 0,
ENPIE = 1)
Reserved
Reserved
Reserved
L0 SARAM (4K
× 16, Secure Block)
Peripheral Frame 2
(4K
× 16, Protected)
Reserved
Peripheral Frame 1
(4K
× 16, Protected)
L1 SARAM (4K
× 16, Secure Block)
Reserved
OTP (2K
× 16, Secure Block)
FLASH (128K
× 16, Secure Block)
128-Bit Password
H0 SARAM (8K
× 16)
Reserved
Boot ROM (4K
× 16)
(enabled if MP/MC = 0)
BROM Vector - ROM (32
× 32)
(enabled if VMAP = 1, MP/MC = 0, ENPIE = 0)
0x0000–0D00
0x0000–1000
0x0000–2000
0x0000–6000
0x0000–7000
0x0000–8000
0x0000–9000
0x0000–A000
0x003D–7800
0x003D–8000
0x003F–0000
0x003F–7FF8
0x003F–8000
0x003F–A000
0x003F–F000
0x003F–FFC0
Data Space
Prog Space
Reserved
XINTF Zone 0 (8K
× 16, XZCS0)
XINTF Zone 1 (8K
× 16, XZCS1) (Protected)
Reserved
XINTF Zone 2 (0.5M
× 16, XZCS2)
XINTF Zone 6 (1M
× 16, XZCS6AND7)
Reserved
XINTF Zone 7 (16K
× 16, XZCS6AND7)
(enabled if MP/MC = 1)
XINTF Vector - RAM (32
× 32)
(enabled if VMAP = 1, MP/MC = 1, ENPIE = 0)
On-Chip Memory
External Memory XINTF
Only one of these vector maps—M0 vector, PIE vector, BROM vector, XINTF vector—should be enabled at a time.
LEGEND:
0x0008–0000
0x0000–4000
0x0010–0000
0x0020–0000
0x003F–C000
NOTES: A. Memory blocks are not to scale.
B. Reserved locations are reserved for future expansion. Application should not access these areas.
C. Boot ROM and Zone 7 memory maps are active either in on-chip or XINTF zone depending on MP/MC, not in both.
D. Peripheral Frame 0, Peripheral Frame 1, and Peripheral Frame 2 memory maps are restricted to data memory only. User program
cannot access these memory maps in program space.
E. “Protected” means the order of Write followed by Read operations is preserved rather than the pipeline order.
F. Certain memory ranges are EALLOW protected for spurious writes after configuration.
G. Zone 6 and Zone 7 share the same chip select; hence, these memory blocks have mirrored locations.
Figure 1. F2812 Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com