Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320F2811 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  DIGITAL SIGNAL PROCESSORS
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320F2811 Datasheet HTML 29Page - Texas Instruments TMS320F2811 Datasheet HTML 30Page - Texas Instruments TMS320F2811 Datasheet HTML 31Page - Texas Instruments TMS320F2811 Datasheet HTML 32Page - Texas Instruments TMS320F2811 Datasheet HTML 33Page - Texas Instruments TMS320F2811 Datasheet HTML 34Page - Texas Instruments TMS320F2811 Datasheet HTML 35Page - Texas Instruments TMS320F2811 Datasheet HTML 36Page - Texas Instruments TMS320F2811 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 103 page
background image
TMS320F2810, TMS320F2812
DIGITAL SIGNAL PROCESSORS
SPRS174B – APRIL 2001 – REVISED SEPTEMBER 2001
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
XINTCNF2 register (continued)
Table 15. XINTCNF2 Register Bit Definitions (Continued)
BITS
TYPE
NAME
RESET
DESCRIPTION
15:12
X
Reserved
0
Reserved
18:16
R/W
XTIMCLK
0,0,1
These bits select the fundamental clock for the timing of lead, active and trail
switching operations as defined by the XTIMING and XBANK registers:
Mode
Action
0,0,0
XTIMCLK = SYSCLKOUT/1
0,0,1
XTIMCLK = SYSCLKOUT/2
0,1,0
reserved
0,1,1
reserved
1,0,0
reserved
1,0,1
reserved
1,1,0
reserved
1,1,1
reserved
XBANK register
Table 16. XBANK Register Bit Defintions
BITS
TYPE
NAME
RESET
DESCRIPTION
2:0
R/W
BANK
1,1,1
These bits specify the XINTF zone for which bank switching is enabled, ZONE
0 to ZONE 7. At reset, XINTF Zone 7 is selected.
5:3
R/W
BCYC
1,1,1
These bits specify the number of XTIMCLK cycles to add between any
consecutive access that crosses into or out of the specified zone, be it a read or
write, program or data space. The number of XTIMCLK cycles can be 0 to 14.
On a reset (XRS) the value defaults to 14 cycles.
14:6
X
Reserved
15
R/W
Reserved
1
XREVISION register
The XREVISION register contains a unique number to identify the particular version of XINTF used in the
product. For the F2812, this register will be configured as described in Table 17.
Table 17. XREVISION Register Bit Defintions
BIT(S)
NAME
TYPE
RESET
DESCRIPTION
15–0
REVISION
R
0x0004
Current XINTF Revision. For internal use/reference. Test purposes only. Subject to
change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com