Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB9B360R Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB9B360R Datasheet HTML 1Page - Cypress Semiconductor MB9B360R Datasheet HTML 2Page - Cypress Semiconductor MB9B360R Datasheet HTML 3Page - Cypress Semiconductor MB9B360R Datasheet HTML 4Page - Cypress Semiconductor MB9B360R Datasheet HTML 5Page - Cypress Semiconductor MB9B360R Datasheet HTML 6Page - Cypress Semiconductor MB9B360R Datasheet HTML 7Page - Cypress Semiconductor MB9B360R Datasheet HTML 8Page - Cypress Semiconductor MB9B360R Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 4 of 166
MB9B360R Series
CRC (Cyclic Redundancy Check) Accelerator
The CRC accelerator helps a verify data transmission or
storage integrity.
CCITT CRC16 and IEEE-802.3 CRC32 are supported.
CCITT CRC16 Generator Polynomial: 0x1021
IEEE-802.3 CRC32 Generator Polynomial: 0x04C11DB7
SD Card Interface
It is possible to use the SD card that conforms to the following
standards.
Part 1 Physical Layer Specification version 3.01
Part E1 SDIO Specification version 3.00
Part A2 SD Host Controller Standard Specification version
3.00
1-bit or 4-bit data bus
Clock and Reset
[Clocks]
Five clock sources (2 external oscillators, 2 internal CR
oscillator, and Main PLL) that are dynamically selectable.
Main clock
: 4 MHz to 48 MHz
Sub Clock
: 32.768 kHz
High-speed internal CR Clock : 4 MHz
Low-speed internal CR Clock : 100 kHz
Main PLL Clock
[Resets]
Reset requests from INITX pin
Power on reset
Software reset
Watchdog timers reset
Low voltage detector reset
Clock supervisor reset
Clock Super Visor (CSV)
Clocks generated by internal CR oscillators are used to
supervise abnormality of the external clocks.
External OSC clock failure (clock stop) is detected, reset is
asserted.
External OSC frequency anomaly is detected, interrupt or
reset is asserted.
Low-Voltage Detector (LVD)
This Series include 2-stage monitoring of voltage on the VCC
pins. When the voltage falls below the voltage has been set,
Low-Voltage Detector generates an interrupt or reset.
LVD1: error reporting via interrupt
LVD2: auto-reset operation
Low-power Consumption Mode
Six low-power consumption modes are supported.
SLEEP
TIMER
RTC
STOP
Deep standby RTC (selectable from with/without RAM
retention)
Deep standby stop (selectable from with/without RAM
retention)
VBAT
The consumption power during the RTC operation can be
reduced by supplying the power supply independent from the
RTC (calendar circuit)/32 kHz oscillation circuit. The following
circuits can also be used.
RTC
32 kHz oscillation circuit
Power-on circuit
Back up register : 32 bytes
Port circuit
Debug
Serial Wire JTAG Debug Port (SWJ-DP)
Embedded Trace Macrocells (ETM) provide comprehensive
debug and trace facilities.
Unique ID
Unique value of the device (41-bit) is set.
Power Supply
Three Power Supplies
Wide range voltage :
VCC
= 2.7V to 5.5V
Power supply for USB I/O :
USBVCC = 3.0V to 3.6V (when USB is used)
= 2.7V to 5.5V (when GPIO is used)
Power supply for VBAT :
VBAT
= 2.7V to 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com