Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB9B360R Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 4Page - Cypress Semiconductor MB9B360R Datasheet HTML 5Page - Cypress Semiconductor MB9B360R Datasheet HTML 6Page - Cypress Semiconductor MB9B360R Datasheet HTML 7Page - Cypress Semiconductor MB9B360R Datasheet HTML 8Page - Cypress Semiconductor MB9B360R Datasheet HTML 9Page - Cypress Semiconductor MB9B360R Datasheet HTML 10Page - Cypress Semiconductor MB9B360R Datasheet HTML 11Page - Cypress Semiconductor MB9B360R Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 8 of 166
MB9B360R Series
2. Packages
Product name
Package
MB9BF366M
MB9BF367M
MB9BF368M
MB9BF366N
MB9BF367N
MB9BF368N
MB9BF366R
MB9BF367R
MB9BF368R
LQFP: FPT-80P-M37 (0.5mm pitch)
-
-
LQFP: FPT-80P-M40 (0.65mm pitch)
-
-
QFP: FPT-100P-M36 (0.65mm pitch)
-
-
LQFP: FPT-100P-M23 (0.5mm pitch)
-
-
LQFP: FPT-120P-M37 (0.5mm pitch)
-
-
BGA:
BGA-112P-M05 (0.5mm pitch)
-
-
BGA:
BGA-144P-M09 (0.5mm pitch)
-
-
: Supported
Note : See "Package Dimensions" for detailed information on each package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com