Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DAC1007LCN Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1007LCN
Description  uP Compatible, Double-Buffered D to A Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1007LCN Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DAC1007LCN Datasheet HTML 8Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 9Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 10Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 11Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 12Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 13Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 14Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 15Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
542 Current Switching with Bipolar Output Voltage
The circuit of
Figure 12 shows the 3 adjustments needed
The first step is to set all of the digital inputs LOW (to force
IOUT1 to 0) and then trim ‘‘zero adj’’ for zero volts at the
inverting input (pin 2) of 0A1 Next with a code of all zeros
still applied adjust ‘‘bFS adj’’ the reference voltage for
VOUTe g
l(ideal VREF)l The sign of the output voltage will
be opposite that of the applied reference
Finally set all of the digital inputs HIGH and adjust ‘‘aFS
adj’’ for VOUTeVREF (511512) The sign of the output at
this time will be the same as that of the reference voltage
The addition of the 200X resistor in series with the VREF pin
of the DAC is to force the circuit gain error from the DAC to
be negative This insures that adding resistance to Rfb with
the 500X pot will always compensate the gain error of the
DAC
543 Voltage Switching with a Unipolar Output Voltage
Refer to the circuit of
Figure 13 and set all digital inputs
LOW Trim the ‘‘zero adj’’ for VOUTe0VDCg1 mV Then
set all digital inputs HIGH and trim the ‘‘FS Adj’’ for
VOUTe(aV)
1aR1R
2
J1023
1024
544 Voltage Switching with a Bipolar Output Voltage
Refer to
Figure 14 and set all digital inputs LOW Trim the
‘‘bFS Adj’’ for VOUTeb25 VDC Then set all digital inputs
HIGH and trim the ‘‘aFS Adj’’ for VOUTea25 (511512)
VDC Test the zero by setting the MS digital input HIGH and
all the rest LOW Adjust VOS of amp
3 if necessary and
recheck the full-scale values
FIGURE 12 Full Scale Adjust
Current Switching with Bipolar Output Voltage
b
VREFsVOUTsaVREF
511
512
J
TLH5688 – 14
FIGURE 13 Full Scale Adjust
Voltage Switching with a Unipolar Output Voltage
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com