Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DAC1007LCN Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC1007LCN
Description  uP Compatible, Double-Buffered D to A Converters
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1007LCN Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DAC1007LCN Datasheet HTML 11Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 12Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 13Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 14Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 15Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 16Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 17Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 18Page - National Semiconductor (TI) DAC1007LCN Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
621 Automatic Transfer
This makes use of a double byte (double precision) write
The first byte (8 bits) is strobed into the input latch and the
second byte causes a simultaneous strobe of the two re-
maining bits into the input latch and also the transfer of the
complete 10-bit word from the input latch to the DAC regis-
ter This is shown in the following timing diagram the point
in time where the analog output is updated is also indicated
on this diagram
DAC100610071008 (20-Pin Parts)
TLH5688 – 18
SIGNIFIES CONTROL INPUTS WHICH ARE DRIVEN IN PARALLEL
622 Transfer Using mP Write Stroke
The input latch is loaded with the first two write strobes The
XFER signal is provided by external logic as shown below
to cause the transfer to be accomplished on a third write
strobe This is shown in the following diagram
DAC100610071008 (20-Pin Parts)
TLH5688 – 19
623 Transfer Using an External Strobe
This is similar to the previous operation except the XFER
signal is not provided by the mP The timing diagram for this
is
DAC100610071008 (20-Pin Parts)
TLH5688 – 20
63 Interfacing to a 16-Bit Data Bus
The interface to a 16-bit data bus is easily handled by con-
necting to 10 of the available bus lines This allows a wiring
selected right justified or left justified data format This is
shown in the connection diagram of
Figure 17 where the
use of DB6 to DB15 gives left justified data operation Note
that any part number can be used and the Byte1Byte2 con-
trol should be wired Hi
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com