Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC1918 Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC1918
Description  Machine Insertable, Wave Solderable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1918 Datasheet(HTML) 5 Page - IXYS Corporation

  CPC1918 Datasheet HTML 1Page - IXYS Corporation CPC1918 Datasheet HTML 2Page - IXYS Corporation CPC1918 Datasheet HTML 3Page - IXYS Corporation CPC1918 Datasheet HTML 4Page - IXYS Corporation CPC1918 Datasheet HTML 5Page - IXYS Corporation CPC1918 Datasheet HTML 6Page - IXYS Corporation CPC1918 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
5
www.ixysic.com
R07
CPC1918
Unless otherwise specified, all performance data was acquired without the use of a heat sink.
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the
written specifications, please contact our application department.
020
40
60
80
100
2
4
6
8
10
12
14
16
10ºC/W
Free Air
1ºC/W
5ºC/W
Maximum Load Current
vs. Temperature with Heat Sink
(I
F=20mA)
Temperature (ºC)
-40
0.050
0.048
0.046
0.044
0.042
0.040
0.038
0.036
0.034
-20
0
20
40
60
80
100
Typical On-Resistance
vs. Temperature
(I
F=10mA, IL=1ADC)
Temperature (ºC)
-0.42
10
8
6
4
2
0
-2
-4
-6
-8
-10
-0.28
-0.14
0.14
0.28
0
0.42
Load Voltage (V)
Typical Load Current
vs. Load Voltage
(I
F=10mA)
-40
130
128
126
124
122
120
118
116
114
-20
0
20
40
60
80
100
Blocking Voltage vs. Temperature
Temperature (ºC)
-40
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Leakage vs. Temperature
Measured Across Pins 1&2
(V
L=100VP)
30
25
20
15
10
5
0
1ms
10µs 100µs
100ms
10s
10ms
1s
100s
Energy Rating Curve
Free Air, No Heat Sink
Time



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com