Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC1918 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1918
Description  Machine Insertable, Wave Solderable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1918 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1918 Datasheet HTML 1Page - IXYS Corporation CPC1918 Datasheet HTML 2Page - IXYS Corporation CPC1918 Datasheet HTML 3Page - IXYS Corporation CPC1918 Datasheet HTML 4Page - IXYS Corporation CPC1918 Datasheet HTML 5Page - IXYS Corporation CPC1918 Datasheet HTML 6Page - IXYS Corporation CPC1918 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC1918-R07
www.ixysic.com
1
e3
Characteristics
Features
13A
rms Load Current with 5°C/W Heat Sink
Low 0.1
 On-Resistance
100V
P Blocking Voltage
2500V
rms Input/Output Isolation
Low Thermal Resistance:
JC = 0.3 °C/W
Isolated, Low Thermal Impedance Ceramic Pad for
Heat Sink Applications
Low Drive Power Requirements
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Applications
Industrial Controls / Motor Control
Robotics
Medical Equipment—Patient/Equipment Isolation
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Transportation Equipment
Aerospace/Defense
Approvals
UL 508 Certified Component: File E69938
Pin Configuration
Description
IXYS Integrated Circuits Division and IXYS have
combined to bring OptoMOS® technology, reliability
and compact size to a new family of high-power Solid
State Relays.
As part of this family, the CPC1918 single-pole
normally open (1-Form-A) Solid State Power Relay is
rated for up to 13Arms continuous load current with a
5°C/W heat sink.
The CPC1918 employs optically coupled MOSFET
technology to provide 2500Vrms of input to output
isolation. The optically coupled outputs, that use
patented OptoMOS architecture, are controlled by a
highly efficient infrared LED. The combination of low
on-resistance and high load current handling
capability makes this relay suitable for a variety of high
performance switching applications.
The unique ISOPLUS-264 package pioneered by
IXYS enables Solid State Relays to achieve the
highest load current and power ratings. This package
features a unique IXYS process in which the silicon
chips are soft soldered onto the Direct Copper Bond
(DCB) substrate instead of the traditional copper
leadframe. The DCB ceramic, the same substrate
used in high power modules, not only provides
2500Vrms isolation but also very low junction-to-case
thermal resistance (0.3 °C/W).
Ordering Information
Switching Characteristics
Parameter
Rating
Units
Blocking Voltage
100
VP
Load Current, TA=25°C:
With 5°C/W Heat Sink
13
Arms / ADC
No Heat Sink
5.25
On-Resistance (max)
0.1
Thermal Resistance,
Junction-to-Case,
JC
0.3
°C/W
12
3
-
4
+
Part
Description
CPC1918J
ISOPLUS-264 Package (25 per tube)
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
CPC1918
100V Single-Pole, Normally Open
Power Relay


Similar Part No. - CPC1918

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1918 CLARE-CPC1918 Datasheet
139Kb / 6P
ISOPLUS??264 Power Relay
CPC1918 CLARE-CPC1918 Datasheet
890Kb / 7P
ISOPLUS??264 Power Relay
CPC1918J CLARE-CPC1918J Datasheet
139Kb / 6P
ISOPLUS??264 Power Relay
CPC1918J CLARE-CPC1918J Datasheet
890Kb / 7P
ISOPLUS??264 Power Relay
logo
IXYS Corporation
CPC1918J IXYS-CPC1918J Datasheet
196Kb / 3P
Power Relay Branding
More results

Similar Description - CPC1918

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1777 IXYS-CPC1777 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1779 IXYS-CPC1779 Datasheet
195Kb / 7P
Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1788 IXYS-CPC1788 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1908 IXYS-CPC1908 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
Machine Insertable, Wave Solderable
CPC1916 IXYS-CPC1916 Datasheet
107Kb / 6P
Machine Insertable, Wave Solderable
CPC1943 IXYS-CPC1943 Datasheet
115Kb / 6P
Machine Insertable, Wave Solderable
CPC1945G IXYS-CPC1945G Datasheet
103Kb / 6P
Machine Insertable, Wave Solderable
CPC1961 IXYS-CPC1961 Datasheet
121Kb / 7P
Machine Insertable, Wave Solderable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com