Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CC1020-RTR1 Datasheet(PDF) 38 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 34Page - Texas Instruments CC1020-RTR1 Datasheet HTML 35Page - Texas Instruments CC1020-RTR1 Datasheet HTML 36Page - Texas Instruments CC1020-RTR1 Datasheet HTML 37Page - Texas Instruments CC1020-RTR1 Datasheet HTML 38Page - Texas Instruments CC1020-RTR1 Datasheet HTML 39Page - Texas Instruments CC1020-RTR1 Datasheet HTML 40Page - Texas Instruments CC1020-RTR1 Datasheet HTML 41Page - Texas Instruments CC1020-RTR1 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 95 page
background image
AFC
Baud rate
F
16
´
D =
[
]
xoscx
ADC
f
f
2
(ADC _ DIV 2 : 0
1)
=
´
+
Power down
Crystal oscillator and bias off
Frequency synthesizer off
Receive chain off
Wait for PLL
lock or timeout,
127 filter clocks
Turn on crystal oscillator/bias
Frequency synthesizer off
Receive chain off
Crystal oscillator and bias on
Turn on frequency synthesizer
Receive chain off
Optional waiting time before
turning on receive chain
Programmable:
32-256 ADC clocks
Crystal oscillator and bias on
Frequency synthesizer on
Turn on receive chain
Receive mode
Crystal oscillator and bias on
Frequency synthesizer on
Receive chain on
Wait for
carrier sense or timeout
Programmable: 20-72
filter clocks
Set
SEQ_ERROR
flag in STATUS
register
Optional calibration
Programmable: each time,
once in 16, or once in 256
Receive chain off
PLL in lock
PLL timeout
Sequencing wake-up event
Carrier sense timeout
Carrier sense
(negative transition on
PSEL pin or DIO pin)
(Positive transition on SEQ_PD in MAIN register)
Sequencing power-down event
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
(1)
Filter clock (FILTER_CLK): ffilter_clock = 2 × ChBW where ChBW is defined in Section 5.9.2.
(2)
ADC clock (ADC_CLK):
where ADC_DIV[2:0] is set in the MODEM register.
Figure 5-16. Automatic Power-up Sequencing Flow Chart
5.9.13 Automatic Frequency Control
CC1020 has a built-in feature called AFC (Automatic Frequency Control) that can be used to compensate
for frequency drift.
The average frequency offset of the received signal (from the nominal IF frequency) can be read in the
AFC register. The signed (2’s-complement) 8-bit value AFC[7:0] can be used to compensate for frequency
offset between transmitter and receiver.
The frequency offset is given by Equation 22.
(22)
The receiver can be calibrated against the transmitter by changing the operating frequency according to
the measured offset. The new frequency must be calculated and written to the FREQ register by the
microcontroller. The AFC can be used for an FSK/GFSK signal, but not for OOK. Application Note AN029
CC1020/1021 Automatic Frequency Control (AFC) (SWRA063) provides the procedure and equations
necessary to implement AFC.
The AFC feature reduces the crystal accuracy requirement.
38
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com