Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CC1020-RTR1 Datasheet(PDF) 64 Page - Texas Instruments

Part # CC1020-RTR1
Description  Low-Power RF Transceiver for Narrowband Systems
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1020-RTR1 Datasheet(HTML) 64 Page - Texas Instruments

Back Button CC1020-RTR1 Datasheet HTML 60Page - Texas Instruments CC1020-RTR1 Datasheet HTML 61Page - Texas Instruments CC1020-RTR1 Datasheet HTML 62Page - Texas Instruments CC1020-RTR1 Datasheet HTML 63Page - Texas Instruments CC1020-RTR1 Datasheet HTML 64Page - Texas Instruments CC1020-RTR1 Datasheet HTML 65Page - Texas Instruments CC1020-RTR1 Datasheet HTML 66Page - Texas Instruments CC1020-RTR1 Datasheet HTML 67Page - Texas Instruments CC1020-RTR1 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 95 page
background image
CC1020
SWRS046H – NOVEMBER 2006 – REVISED MARCH 2015
www.ti.com
Table 5-18. MAIN Register (00h) When Using Automatic Power-up Sequencing
(RXTX = 0, PD_MODE[1:0] =11) (continued)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
MAIN[3:2]
SEQ_CAL[1:0]
—
—
Controls PLL calibration before re-entering power down
0: Never perform PLL calibration as part of sequence
1: Always perform PLL calibration at end of sequence
2: Perform PLL calibration at end of every 16th sequence
3: Perform PLL calibration at end of every 256th sequence
MAIN[1]
SEQ_PD
—
↑
↑1: Put the chip in power down and wait for start of new power-up
sequence
MAIN[0]
RESET_N
—
L
Reset, active low. Writing RESET_N low will write default values to all
other registers than MAIN. Bits in MAIN do not have a default value
and will be written directly through the configuration interface. Must be
set high to complete reset.
Table 5-19. INTERFACE Register (01h)(1)
DEFAULT
REGISTER
NAME
ACTIVE
DESCRIPTION
VALUE
INTERFACE[7]
XOSC_BYPASS
0
H
Bypass internal crystal oscillator, use external clock
0: Internal crystal oscillator is used, or external sine wave fed
through a coupling capacitor
1: Internal crystal oscillator in power down, external clock with rail-
to-rail swing is used
INTERFACE[6]
SEP_DI_DO
0
H
Use separate pin for RX data output
0: DIO is data output in RX and data input in TX. LOCK pin is
available (Normal operation).
1: DIO is always input, and a separate pin is used for RX data
output (synchronous mode: LOCK pin, asynchronous mode: DCLK
pin).
If SEP_DI_DO=1 and SEQ_PSEL=0 in SEQUENCING register then
negative transitions on DIO is used to start power-up sequencing when
PD_MODE=3 (power-up sequencing is enabled).
INTERFACE[5]
DCLK_LOCK
0
H
Gate DCLK signal with PLL lock signal in synchronous mode
Only applies when PD_MODE = "01"
0: DCLK is always 1
1: DCLK is always 1 unless PLL is in lock
INTERFACE[4]
DCLK_CS
0
H
Gate DCLK signal with carrier sense indicator in synchronous mode
Use when receive chain is active (in power up)
Always set to 0 in TX mode.
0: DCLK is independent of carrier sense indicator.
1: DCLK is always 1 unless carrier sense is indicated
INTERFACE[3]
EXT_PA
0
H
Use PA_EN pin to control external PA
0: PA_EN pin always equals EXT_PA_POL bit
1: PA_EN pin is asserted when internal PA is turned on
INTERFACE[2]
EXT_LNA
0
H
Use LNA_EN pin to control external LNA
0: LNA_EN pin always equals EXT_LNA_POL bit
1: LNA_EN pin is asserted when internal LNA is turned on
INTERFACE[1]
EXT_PA_POL
0
H
Polarity of external PA control
0: PA_EN pin is "0" when activating external PA
1: PA_EN pin is “1” when activating external PA
INTERFACE[0]
EXT_LNA_POL
0
H
Polarity of external LNA control
0: LNA_EN pin is “0” when activating external LNA
1: LNA_EN pin is “1” when activating external LNA
(1)
If TF_ENABLE=1 or TA_ENABLE=1 in TEST4 register, then INTERFACE[3:0] controls analog test module: INTERFACE[3] = TEST_PD,
INTERFACE[2:0] = TEST_MODE[2:0]. Otherwise, TEST_PD=1 and TEST_MODE[2:0]=001.
64
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com