Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CC1150-RTY1 Datasheet(PDF) 16 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 12Page - Texas Instruments CC1150-RTY1 Datasheet HTML 13Page - Texas Instruments CC1150-RTY1 Datasheet HTML 14Page - Texas Instruments CC1150-RTY1 Datasheet HTML 15Page - Texas Instruments CC1150-RTY1 Datasheet HTML 16Page - Texas Instruments CC1150-RTY1 Datasheet HTML 17Page - Texas Instruments CC1150-RTY1 Datasheet HTML 18Page - Texas Instruments CC1150-RTY1 Datasheet HTML 19Page - Texas Instruments CC1150-RTY1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
CSn
SO
SI
SRES
Sxxx
Sxxx
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
NOTE
An SIDLE strobe will clear all pending command strobes until IDLE state is reached. This
means that if for example an SIDLE strobe is issued while the radio is in TX state, any other
command strobes issued before the radio reaches IDLE state will be ignored.
The command strobe registers are accessed in the same way as for a register write operation, but no data
is transferred. That is, only the R/W bit (set to 0), burst access (set to 0) and the six address bits (in the
range 0x30 through 0x3D) are written.
When writing command strobes, the status byte is sent on the SO pin.
A command strobe may be followed by any other SPI access without pulling CSn high. However, if an
SRES command strobe is being issued, on will have to wait for the SO pin to go low before the next
command strobe can be issued as shown in Figure 5-5.The command strobes are executed immediately,
with the exception of the SPWD and the SXOFF strobes that are executed when CSn goes high.
Figure 5-5. SRES Command Strobe
5.5.5
FIFO Access
The 64-byte TX FIFO is accessed through the 0x3F addresses. When the read/write bit is zero, the TX
FIFO is accessed. The TX FIFO is write-only.
The burst bit is used to determine if FIFO access is single byte or a burst access. The single byte access
method expects address with burst bit set to zero and one data byte. After the data byte a new address is
expected; hence, CSn can remain low. The burst access method expects one address byte and then
consecutive data bytes until terminating the access by setting CSn high.
The following header bytes access the FIFO:
•
0x3F: Single byte access to TX FIFO
•
0x7F: Burst access to TX FIFO
When writing to the TX FIFO, the status byte (see Section 5.5.1) is output for each new data byte on SO,
as shown in Figure 5-5. This status byte can be used to detect TX FIFO underflow while writing data to
the TX FIFO.
NOTE
The status byte contains the number of bytes free before writing the byte in progress to the
TX FIFO.
When the last byte that fits in the TX FIFO is transmitted to the SI pin, the status byte received
concurrently on the SO pin will indicate that one byte is free in the TX FIFO.
The TX FIFO may be flushed by issuing a SFTX command strobe. The SFTX command strobe can only
be issues in the IDLE or TX_UNDERFLOW states. The FIFO is cleared when going to the SLEEP state.
Figure 5-6 gives a brief overview of different register access types possible.
16
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com