Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CC1150-RTY1 Datasheet(PDF) 14 Page - Texas Instruments

Part # CC1150-RTY1
Description  Low Power Sub-1 GHz RF Transmitter
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC1150-RTY1 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CC1150-RTY1 Datasheet HTML 10Page - Texas Instruments CC1150-RTY1 Datasheet HTML 11Page - Texas Instruments CC1150-RTY1 Datasheet HTML 12Page - Texas Instruments CC1150-RTY1 Datasheet HTML 13Page - Texas Instruments CC1150-RTY1 Datasheet HTML 14Page - Texas Instruments CC1150-RTY1 Datasheet HTML 15Page - Texas Instruments CC1150-RTY1 Datasheet HTML 16Page - Texas Instruments CC1150-RTY1 Datasheet HTML 17Page - Texas Instruments CC1150-RTY1 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
0
A6
A5
A4
A3
A2
A0
A1
D
W
7
D
W
6
D
W
5
D
W
4
D
W
3
D
W
2
D
W
1
D
W
0
1
A6
A5
A4
A3
A2
A0
A1
D
R
7
D
R
6
D
R
5
D
R
4
D
R
3
D
R
2
D
R
1
D
R
0
Read from register:
Write to register:
Hi-Z
X
SCLK:
CSn:
SI
SO
SI
SO
Hi-Z
t
sp
t
ch
t
cl
t
sd
t
hd
t
ns
X
X
Hi-Z
X
S7
S6
S5
S4
S3
S2
S1
S0
Hi-Z
S7
S6
S5
S4
S3
S2
S1
S0
S7
S6
S5
S4
S3
S2
S1
S0
S7
X
CC1150
SWRS037B – JANUARY 2006 – REVISED MARCH 2015
www.ti.com
Figure 5-4. Configuration Registers Write and Read Operations
Table 5-1. SPI Interface Timing Requirements
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SCLK frequency
10
100 ns delay inserted between address byte and data byte (single access), or
between address and data, and between each data byte (burst access).
SCLK frequency, single access
fSCLK
MHz
9
No delay between address and data byte
SCLK frequency, burst access
6.5
No delay between address and data byte, or between data bytes
tsp,pd
CSn low to positive edge on SCLK, in power-down mode
150
µs
tsp
CSn low to positive edge on SCLK, in active mode
20
ns
tch
Clock high
50
ns
tcl
Clock low
50
ns
trise
Clock rise time
5
ns
tfall
Clock fall time
5
ns
Setup data (negative SCLK edge) to positive edge on
Single access
55
ns
SCLK
tsd
(tsd applies between address and data bytes, and
Burst access
76
ns
between data bytes)
thd
Hold data after positive edge on SCLK
20
ns
tns
Negative edge on SCLK to CSn high
20
ns
NOTE
The minimum tsp,pd figure in Table 5-1 can be used in cases where the user does not read
the CHIP_RDYn signal. CSn low to positive edge on SCLK when the chip is woken from
power-down depends on the start-up time of the crystal being used. The 150
μs in Table 5-1
is the crystal oscillator start-up time measured using crystal AT-41CD2 from NDK.
5.5.1
Chip Status Byte
When the header byte, data byte or command strobe is sent on the SPI interface, the chip status byte is
sent by the CC1150 on the SO pin. The status byte contains key status signals, useful for the MCU. The
first bit, s7, is the CHIP_RDYn signal; this signal must go low before the first positive edge of SCLK. The
CHIP_RDYn signal indicates that the crystal is running and the regulated digital supply voltage is stable.
Bit 6, 5 and 4 comprises the STATE value. This value reflects the state of the chip. The XOSC and power
to the digital core is on in the IDLE state, but all other modules are in power down. The frequency and
channel configuration should only be updated when the chip is in this state. The TX state will be active
when the chip is transmitting.
14
Detailed Description
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC1150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com