Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DP83850CVF Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83850CVF
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83850CVF Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP83850CVF Datasheet HTML 5Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 6Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 7Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 8Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 9Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 10Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 11Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 12Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
2.0 Pin Descriptions (Continued)
9
www.national.com
2.5 Pin Type Designation
PART[5:0]
O, L
Partition: Used to indicate each port's Jabber and Partition status. PART[3:0] cycle
through each port number (0-11) continuously. PART[4] indicates the Partition status
for each port (1 = Port Partitioned). PART[5] indicates the Jabber status for each port
(1 = Port Jabbering). These pins are intended to be decoded to drive LEDs.
RID_ER
O, L
high
Repeater ID Error: This pin is asserted under the conditions which set the RID_error
bit in the DEVICEID register.
RSM[3]
/RXECONFIG
I/O, L
Repeater State Machine Output/ RXE Polarity: This pin is an input during reset and
it is used to latch the desired polarity of RXE[11:0] signals.
When this pin is pulled high or it is unconnected, then the RXE signals become active
high. However, if this signal is pulled low, then the RXE signals become active low.
In all other non-reset times, this pin reflects the output of the Repeater State Machine.
RSM[3]
RSM[2:0]
I/O, L O, L
Test Outputs indicating the state of the Repeater State Machine.
RSM[3:0]
State
0
idle
1
collision
2
one port left
3
repeat
4
noise
Other states are undefined.
MODE[1:0]
I
Mode Inputs: The 100RIC may be configured in the following modes:
MODE[1:0]
Operation
0,0
No special modes selected
1,0
Test mode
0,1
Test mode
1,1
Preamble regeneration (T4) mode
Note: A table showing pin type designation is given in section 2.5
Signal Name
Type
Active
Pin Description
Pin Type
Description
I
Input Buffer
O
Output Buffer, driven high or low at all times
I/O/Z
Bi-directional Buffer with high impedance output
O/Z
Output Buffer with high impedance capability
OC
Open Collector like signals. These buffers are
either driven low or in a high-impedance state.
L
Output low drive: 4 mA
M
Output medium drive: 12 mA
H
Output high drive : 24 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com