Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320DM355CZCEA13 Datasheet(PDF) 90 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 90 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 86Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 87Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 88Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 89Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 90Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 91Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 92Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 93Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 163 page
background image
TMS320DM355
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
www.ti.com
–
Optional, user-selectable, support for use of DMA and I-cache during RBL execution (i.e.,while
loading UBL)
–
Supports booting from 8-bit NAND devices (16-bit NAND devices are not supported)
–
Uses/Requires 4-bit HW ECC (NAND devices with ECC requirements
≤ 4 bits per 512 bytes are
supported)
–
Supports NAND flash that requires chip select to stay low during the tR read time
Notes:
–
See Section 3.12.2 for a full explanation of the differences between Standard Mode and
Compatibility Mode.
–
The GIO000 pin must be held high during NAND boot for the boot process to fuction properly.
•
ARM ROM Boot - MMC/SD Mode
–
No support for a full firmware boot. Instead, copies a second stage User Boot Loader (UBL) from
MMC/SD to ARM Internal RAM (AIM) and transfers control to the user software.
–
Support for MMC/SD Native protocol (MMC/SD SPI protocol is not supported)
–
Support for descriptor error detection and retry (up to 24 times) when loading UBL
–
Support for up to 30KB UBL (32KB - ~2KB for RBL stack)
•
ARM ROM Boot - UART mode
–
No support for a full firmware boot. Instead, loads a second stage User Boot Loader (UBL) via
UART to ARM internal RAM (AIM) and transfers control to the user software.
–
Support for up to 30KB UBL (32KB - ~2KB for RBL stack)
The general boot sequence is shown in Figure 3-6. For more information, refer to TMS320DM35x Digital
Media System-on-Chip (DMSoC) ARM Subsystem Reference Guide (literature number SPRUFB3).
90
Detailed Device Description
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com