Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TMS320DM355CZCEA13 Datasheet(PDF) 91 Page - Texas Instruments

Part # TMS320DM355CZCEA13
Description  Digital Media System-on-Chip (DMSoC)
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM355CZCEA13 Datasheet(HTML) 91 Page - Texas Instruments

Back Button TMS320DM355CZCEA13 Datasheet HTML 87Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 88Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 89Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 90Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 91Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 92Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 93Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 94Page - Texas Instruments TMS320DM355CZCEA13 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 163 page
background image
Boot
mode
?
Boot
mode
?
Internal ROM
Invoke loaded
Program
Invoke
OneNAND
Yes
Boot from
UART
Boot OK ?
No
Boot from
NAND flash
Boot OK ?
No
Yes
Boot from
MMC/SD
Boot OK ?
Yes
No
Reset
Boot from
SPI flash
Boot OK ?
No
Yes
TMS320DM355
www.ti.com
SPRS463G – SEPTEMBER 2007 – REVISED JUNE 2010
Figure 3-6. Boot Mode Functional Block Diagram
3.12.2 RBL NAND Boot Process
The RBL NAND boot process is described as follows:
•
Upon NAND boot, if a SPI EEPROM is present, RBL reads first 32 bytes and look for magic pattern at
offset 0x8. This magic number indicates if this is a SPI boot or beginning of NAND parameters.
•
If SPI boot, then NAND boot is bypassed.
•
Otherwise NAND boot is continued. If NAND parameters are found in the SPI EEPROM (as indicated
by magic number), these parameters are used.
•
Else the following steps are used to determine NAND parameters:
–
If the device is ONFI, read the parameters page. Else command is sent to the NAND device
requesting four bytes (called the NAND READ_ID) which contain the manufacturer, device and 4th
Copyright © 2007–2010, Texas Instruments Incorporated
Detailed Device Description
91
Submit Documentation Feedback
Product Folder Link(s): TMS320DM355



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com