Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SLK2501IPZP Datasheet(PDF) 1 Page - Texas Instruments

Part # SLK2501IPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLK2501IPZP Datasheet(HTML) 1 Page - Texas Instruments

  SLK2501IPZP Datasheet HTML 1Page - Texas Instruments SLK2501IPZP Datasheet HTML 2Page - Texas Instruments SLK2501IPZP Datasheet HTML 3Page - Texas Instruments SLK2501IPZP Datasheet HTML 4Page - Texas Instruments SLK2501IPZP Datasheet HTML 5Page - Texas Instruments SLK2501IPZP Datasheet HTML 6Page - Texas Instruments SLK2501IPZP Datasheet HTML 7Page - Texas Instruments SLK2501IPZP Datasheet HTML 8Page - Texas Instruments SLK2501IPZP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
DESCRIPTION
SLK2501
SLLS502C – OCTOBER 2001 – REVISED MARCH 2007
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
Optical Modules
• Fully Integrated SONET/SDH Transceiver to
• Hot Plug Protection
Support Clock/Data Recovery and
• Low Jitter PECL-Compatible Differential Serial
Multiplexer/Demultiplexer Functions
Interface With Programmable De-Emphasis for
• Supports OC-48, OC-24, OC-12, Gigabit
the Serial Output
Ethernet, and OC-3 Data Rate With Autorate
• On-Chip Termination for LVDS and
Detection
PECL-Compatible Interface
• Supports Transmit Only, Receiver Only,
• Receiver Differential Input Thresholds 150 mV
Transceiver and Repeater Functions in a
Minimum
Single Chip Through Configuration Pins
• Supports SONET Loop Timing
• Supports SONET/SDH Frame Detection
• Low Power <900 mW at OC-48 Data Rate
• On-Chip PRBS Generation and Verification
• ESD Protection >2 kV
• Supports 4-Bit LVDS (OIF99.102) Electrical
• 622-MHz Reference Clock
Interface
• Maintains Clock Output in Absence of Data
• Parity Checking and Generation for the LVDS
• Local and Remote Loopback
Interface
• 100-Pin PZP Package With PowerPAD™
• Single 2.5-V Power Supply
Design
• Interfaces to Back Plane, Copper Cables, or
The SLK2501 is a single chip, multirate transceiver that derives high-speed timing signals for SONET/
SDH-based equipment. The chip performs clock and data recovery, serial-to-parallel/parallel-to-serial
conversion, and a frame detection function conforming to the SONET/SDH standards.
The device can be configured to operate under OC-48, OC-24, OC-12, or OC-3 data rates through the rate
selection pins or the autorate detection function. An external reference clock operating at 622.08 MHz is
required for the recovery loop, and it also provides a stable clock source in the absence of serial data
transitions.
The SLK2501 accepts 4 bit LVDS parallel data/clock and generates a NRZ SONET/SDH-compliant signal at
OC-3, OC-12, OC-24 or OC-48 rates. It also recovers the data and clock from the serial SONET stream and
demultiplexes it into 4-bit LVDS parallel data for full duplex operation. TXDATA0 and RXDATA0 are the first bits
that are transmitted and received in time, respectively. The serial interface is a low jitter, PECL compatible
differential interface.
The SLK2501 provides a comprehensive suite of built-in tests for self-test purposes including local and remote
loopback and PRBS (27-1) generation and verification.
AVAILABLE OPTIONS
PACKAGE(1)
TA
PowerPAD QUAD (PZP)
–40
°C to 85°C
SLK2501IPZP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI Web site at www.ti.com.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SLK2501IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2501IPZP TI-SLK2501IPZP Datasheet
271Kb / 20P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results

Similar Description - SLK2501IPZP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLK2501 TI-SLK2501 Datasheet
271Kb / 20P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721 TI-SLK2721 Datasheet
300Kb / 21P
OC-48FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2701 TI-SLK2701 Datasheet
298Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
DB Lectro Inc
SLK2511B DBLECTRO-SLK2511B Datasheet
573Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Texas Instruments
SLK2511B TI-SLK2511B Datasheet
528Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511A TI1-SLK2511A Datasheet
695Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C Datasheet
699Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2721PZP TI1-SLK2721PZP Datasheet
508Kb / 22P
OC-48 FEC/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
SLK2511C TI1-SLK2511C_13 Datasheet
573Kb / 22P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com