Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SLK2501IPZP Datasheet(PDF) 12 Page - Texas Instruments

Part # SLK2501IPZP
Description  OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLK2501IPZP Datasheet(HTML) 12 Page - Texas Instruments

Back Button SLK2501IPZP Datasheet HTML 8Page - Texas Instruments SLK2501IPZP Datasheet HTML 9Page - Texas Instruments SLK2501IPZP Datasheet HTML 10Page - Texas Instruments SLK2501IPZP Datasheet HTML 11Page - Texas Instruments SLK2501IPZP Datasheet HTML 12Page - Texas Instruments SLK2501IPZP Datasheet HTML 13Page - Texas Instruments SLK2501IPZP Datasheet HTML 14Page - Texas Instruments SLK2501IPZP Datasheet HTML 15Page - Texas Instruments SLK2501IPZP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
START UP SEQUENCE
SLK2501
SLLS502C – OCTOBER 2001 – REVISED MARCH 2007
over operating free-air temperature range (unless otherwise noted)(1)
VALUE
UNIT
VDD
Supply voltage
–0.3 to 3
V
TTL input terminals
–0.3 to 4
V
Voltage range
LVDS terminals
–0.3 to 3
V
Any other terminal except above
–0.3 to VDD + 0.3
V
PD
Package power dissipation
See Dissipation Rating Table
Tstg
Storage temperature
–65 to 150
°C
Electrostatic discharge
HBM
2
kV
TA
Characterized free-air operating temperature range
–40 to 85
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
TA≤ 25°C
DERATING FACTOR(1)
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25¡ãC
POWER RATING
PZP(2)
3.4 W
33.78 mW/°C
1.3 W
PZP(3)
2.27 W
22.78 mW/
°C
0.911 W
(1)
This is the inverse of the traditional junction-to-ambient thermal resistance (RθJA).
(2)
2 oz trace and copper pad with solder.
(3)
2 oz trace and copper pad without solder.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.3
2.5
2.7
V
PD
Power dissipation
Frequency = 2.488 Gb/sec, PRBS pattern
700
900
mW
Shutdown current
Enable = 0, Vdda, Vdd pins, Vdd = max
20
µA
TA
Operating free-air temperature
–40
85
°C
To ensure proper start up, follow one of the following steps when powering up the SLK2501 device.
1. Keep ENABLE (pin 44) low until power supplies and reference clock have become stable.
2. Drive ENABLE (pin 44) low for at least 30 ns after power supplies and reference clock have become
stable.
The following step is recommended with either of the above two sequences.
3. Drive RESET low for at least 10 ns after link has become stable to center the TXFIFO.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com