Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP8552 Datasheet(PDF) 21 Page - Texas Instruments

Part # LP8552
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8552 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP8552_14 Datasheet HTML 17Page - Texas Instruments LP8552_14 Datasheet HTML 18Page - Texas Instruments LP8552_14 Datasheet HTML 19Page - Texas Instruments LP8552_14 Datasheet HTML 20Page - Texas Instruments LP8552_14 Datasheet HTML 21Page - Texas Instruments LP8552_14 Datasheet HTML 22Page - Texas Instruments LP8552_14 Datasheet HTML 23Page - Texas Instruments LP8552_14 Datasheet HTML 24Page - Texas Instruments LP8552_14 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
STANDBY
RESET
INTERNAL
STARTUP
SEQUENCE
EN = L (VLDO low)
or POR = H
EN_BOOST = 1*
TSD = H
~2 ms Delay
BOOST STARTUP
EN = H (pin) and BL_CTL = 1
or PWM = H (pin)
BL_CTL = 0 and
PWM = L
EN_BOOST = 0*
~4 ms Delay
NORMAL MODE
EN_BOOST
rising edge*
*) TSD = L
VREF = 95% OK*
EN = H (pin)
VLDO ok
LP8552
www.ti.com
SNVS693E – SEPTEMBER 2011 – REVISED SEPTEMBER 2014
8.4 Device Functional Modes
Figure 19. Device Functional Modes
RESET:
In the RESET mode all the internal registers are reset to the default values. Reset is entered
always when VLDO voltage is low. EN pin is enable for the internal LDO. Power On Reset (POR)
activates during the chip startup or when the supply voltage VLDO falls below POR level. Once
VLDO rises above POR level, POR will inactivate, and the chip will continue to the STANDBY
mode.
STANDBY: The STANDBY mode is entered if the register bit BL_CTL is LOW and external PWM input is not
active and POR is not active. This is the low power consumption mode, when only internal 5-V LDO
is enabled. Registers can be written in this mode, and the control bits are effective immediately
after start-up.
START-UP: When BL_CTL bit is written high or PWM signal is high, the INTERNAL START-UP SEQUENCE
powers up all the needed internal blocks (VREF, Bias, Oscillator etc.). Internal EPROM and
EEPROM are read in this mode. To ensure the correct oscillator initialization, etc., a 2-ms delay is
generated by the internal state-machine. If the chip temperature rises too high, the Thermal
Shutdown (TSD) disables the chip operation and STARTUP mode is entered until no thermal
shutdown event is present.
BOOST START-UP: Soft start for boost output is generated in the BOOST START-UP mode. The boost output
is raised in low current PWM mode during the 4 ms delay generated by the state-machine. All LED
outputs are off during the 4-ms delay to ensure smooth start-up. The Boost start-up is entered from
Internal Start-up Sequence if EN_BOOST is HIGH.
NORMAL:
During NORMAL mode the user controls the chip using the external PWM input or with Control
Registers through I2C. The registers can be written in any sequence and any number of bits can be
altered in a register in one write.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP8552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com