Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP8552 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP8552
Description  LP8552 High-Efficiency LED Backlight Driver For Notebooks
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8552 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8552_14 Datasheet HTML 9Page - Texas Instruments LP8552_14 Datasheet HTML 10Page - Texas Instruments LP8552_14 Datasheet HTML 11Page - Texas Instruments LP8552_14 Datasheet HTML 12Page - Texas Instruments LP8552_14 Datasheet HTML 13Page - Texas Instruments LP8552_14 Datasheet HTML 14Page - Texas Instruments LP8552_14 Datasheet HTML 15Page - Texas Instruments LP8552_14 Datasheet HTML 16Page - Texas Instruments LP8552_14 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
5MHz internal
oscillator
PLL[12:0]
PWM generation
PWM_FREQ[4:0]
or External
set resistor RFSET
VBOOST
LED Drivers 1-6
Divider
1/N
5 MHz...40 MHz
PSPWM 0/1
Boost
Filter
VCO
Counter
1/N
PLL
VSYNC
60 Hz
EN_VSYNC
Phase
Detector
State machine,
PWM input, internal
timings, Slope etc.
BOOST_FREQ
N = 4, 8, 16, 32
PWM_RESOLUTION[1:0]
LP8552
www.ti.com
SNVS693E – SEPTEMBER 2011 – REVISED SEPTEMBER 2014
Feature Description (continued)
Figure 12. Principle Of The Clock Generation
8.3.2 Brightness Control Methods
LP8552 controls the brightness of the backlight with PWM. PWM control is received either from PWM input pin or
from I2C register bits. The PWM source selection is done with <BRT_MODE[1:0]> bits:
BRT_MODE[1]
BRT_MODE[0]
PWM SOURCE
0
0
PWM input pin duty cycle control. Default.
0
1
PWM input pin duty cycle control.
1
0
Brightness register
1
1
PWM direct control (PWM in = PWM out)
8.3.2.1 PWM Input Duty Cycle
With PWM input pin duty cycle control the output PWM is controlled by PWM input duty cycle. PWM detector
block measures the duty cycle in the PWM pin and uses this 13-bit value to generate the output PWM. Output
PWM can have different frequency than input in this mode, and also phase shift PWM mode can be used. Slope
and dither are effective in this mode. PWM input resolution is defined by the input PWM clock frequency.
8.3.2.2 Brightness Register Control
With brightness register control the output PWM is controlled with 8-bit resolution <BRT7:0> register bits. Phase
shift scheme can be used with this, and the output PWM frequency can be freely selected. Slope and dither are
effective in this mode.
8.3.2.3 PWM Direct Control
With PWM direct control the output PWM will directly follow the input PWM. Due to the internal logic structure the
input is anyway clocked with the 5-MHz clock or the PLL clock. PSPWM mode is not possible in this mode.
Slope and dither are not effective in this mode.
8.3.2.4 PWM Calculation Data Flow
Figure 13 is a flow chart of the PWM calculation data flow. In PWM direct control mode most of the blocks are
bypassed, and this flow chart does not apply.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP8552



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com