Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1SS355 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # 1SS355
Description  Silicon Epitaxial Planar Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1SS355 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  1SS355 Datasheet HTML 1Page - Diode Semiconductor Korea 1SS355 Datasheet HTML 2Page - Diode Semiconductor Korea 1SS355 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Epitaxial Planar Diode
1SS355
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
1.2
V
IF=100mA
Reverse current
IR
0.1
μA
VR=80V
Capacitance between
terminals
CT
3
pF
VR=0.5V,f=1MHz
Reverse Recovery Time
trr
4
ns
IF=10mA,VR=6V,RL=100Ω
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com