Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1SS355 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # 1SS355
Description  Silicon Epitaxial Planar Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

1SS355 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  1SS355 Datasheet HTML 1Page - Diode Semiconductor Korea 1SS355 Datasheet HTML 2Page - Diode Semiconductor Korea 1SS355 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon Epitaxial Planar Diode
1SS355
FEATURES
Small Surface Mounting Type:
SOD-323
High Speed :t=1.2ns Typ.
High Reliability With High Surge Current Handing
Capability.
APPLICATIONS
SOD-323
High speed switching
ORDERING INFORMATION
Type No.
Marking
Package Code
1SS355
A
SOD-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Non-Repetitive Peak reverse voltage
VRM
90
V
DC Reverse Voltage
VR
80
V
Peak forward Current
IFM
225
mA
Average Rectified Output Current
IO
100
mA
Surge current (1s)
Isurge
500
mA
Power Dissipation
PD
200
mW
Junction temperature
Tj
125
Storage temperature
TSTG
-55~+125
Pb
Lead-free
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - 1SS355

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS355 ROHM-1SS355 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
1SS355 ROHM-1SS355 Datasheet
247Kb / 4P
Switching diode
logo
Weitron Technology
1SS355 WEITRON-1SS355 Datasheet
445Kb / 3P
Surface Mount Switching Diode
logo
Tak Cheong Electronics ...
1SS355 TAK_CHEONG-1SS355 Datasheet
197Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
More results

Similar Description - 1SS355

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS160E KEC-KDS160E Datasheet
88Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS355 BILIN-1SS355 Datasheet
209Kb / 3P
Silicon Epitaxial Planar Diode
Rev.A
BAS316 BILIN-BAS316 Datasheet
355Kb / 4P
Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
HSM2692 KEXIN-HSM2692 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
KDV262 KEXIN-KDV262 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
KDV287 KEXIN-KDV287 Datasheet
34Kb / 1P
Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
Silicon Epitaxial Planar Diode
MA2ZV02 KEXIN-MA2ZV02 Datasheet
33Kb / 1P
Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com