Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCP1804 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1804
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1804_13 Datasheet HTML 5Page - Microchip Technology MCP1804_13 Datasheet HTML 6Page - Microchip Technology MCP1804_13 Datasheet HTML 7Page - Microchip Technology MCP1804_13 Datasheet HTML 8Page - Microchip Technology MCP1804_13 Datasheet HTML 9Page - Microchip Technology MCP1804_13 Datasheet HTML 10Page - Microchip Technology MCP1804_13 Datasheet HTML 11Page - Microchip Technology MCP1804_13 Datasheet HTML 12Page - Microchip Technology MCP1804_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
 2009-2013 Microchip Technology Inc.
DS20002200D-page 9
MCP1804
Note: Unless otherwise indicated: COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), TA =+25°C,
VIN =VR +2.0V.
FIGURE 2-19:
Supply Current vs. Input
Voltage.
FIGURE 2-20:
Supply Current vs. Input
Voltage.
FIGURE 2-21:
Supply Current vs. Input
Voltage.
FIGURE 2-22:
Output Voltage vs. Ambient
Temperature.
FIGURE 2-23:
Output Voltage vs. Ambient
Temperature.
FIGURE 2-24:
Output Voltage vs. Ambient
Temperature.
30
40
50
60
70
V
R = 1.8V
0
10
20
-40
-20
0
20406080
100
Ambient Temperature (°C)
30
40
50
60
70
V
R = 5V
0
10
20
-40
-20
0
20406080
100
Ambient Temperature (°C)
30
40
50
60
70
V
R = 12V
0
10
20
-40
-20
0
20406080
100
Ambient Temperature (°C)
1.75
1.80
1.85
1.90
1.95
2.00
V
R = 1.8V
1.60
1.65
1.70
-50
-25
0
255075
100
Ambient Temperature (°C
I
OUT = 1 mA
I
OUT = 10 mA
I
OUT = 20 mA
4.95
5.00
5.05
5.10
5.15
5.20
V
R = 5V
4.80
4.85
4.90
-50
-25
0
25
50
75
100
Ambient Temperature (°C
I
OUT =1 mA
I
OUT = 10 mA
I
OUT = 20 mA
11.9
12.0
12.1
12.2
12.3
12.4
12.5
V
R = 12V
11.5
11.6
11.7
11.8
-50
-25
0
25
50
75
100
Ambient Temperature (°C
I
OUT = 1 mA
I
OUT = 10 mA
I
OUT = 20 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com