Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TNETX3150GGP Datasheet(PDF) 58 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 58 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 54Page - Texas Instruments TNETX3150GGP Datasheet HTML 55Page - Texas Instruments TNETX3150GGP Datasheet HTML 56Page - Texas Instruments TNETX3150GGP Datasheet HTML 57Page - Texas Instruments TNETX3150GGP Datasheet HTML 58Page - Texas Instruments TNETX3150GGP Datasheet HTML 59Page - Texas Instruments TNETX3150GGP Datasheet HTML 60Page - Texas Instruments TNETX3150GGP Datasheet HTML 61Page - Texas Instruments TNETX3150GGP Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
58
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EEPROM auto-configuration from an external x24C02 EEPROM (continued)
Table 10. EEPROM Address Map
EEPROM PHYSICAL
ADDRESS
DESCRIPTION
EEPROM PHYSICAL
ADDRESS
DESCRIPTION
00
Port 00 control
78–7F
Reserved
01
Port 00 status
80–81
Port 00 transmit queue length
02–07
Port 00 address register (bits 47–0)
82–83
Port 01 transmit queue length
08
Port 01 control
84–85
Port 02 transmit queue length
09
Port 01 status
86–87
Port 03 transmit queue length
0A–0F
Port 01 address register (bits 47–0)
88–89
Port 04 transmit queue length
10
Port 02 control
8A–8B
Port 05 transmit queue length
11
Port 02 status
8C–8D
Port 06 transmit queue length
12–17
Port 02 address register (bits 47–0)
8E–8F
Port 07 transmit queue length
18
Port 03 control
90–91
Port 08 transmit queue length
19
Port 03 status
92–93
Port 09 transmit queue length
1A–1F
Port 03 address register (bits 47–0)
94–95
Port 10 transmit queue length
20
Port 04 control
96–97
Port 11 transmit queue length
21
Port 04 status
98–99
Port 12 transmit queue length
22–27
Port 04 address register (bits 47–0)
9A–9B
Port 13 transmit queue length
28
Port 05 control
9C–9D
Port 14 transmit queue length
29
Port 05 status
9E–9F
Reserved
2A–2F
Port 05 address register (bits 47–0)
A0
Revision register
30
Port 06 control
A1
SIO/SCTRL register
31
Port 06 status
A2
NMON register
32–37
Port 06 address register (bits 47–0)
A3
Reserved
38
Port 07 control
A4–A5
Port 00 VLAN register
39
Port 07 status
A6–A7
Port 01 VLAN register
3A–3F
Port 07 address register (bits 47–0)
A8–A9
Port 02 VLAN register
40
Port 08 control
AA–AB
Port 03 VLAN register
41
Port 07 status
AC–AD
Port 04 VLAN register
42–47
Port 08 address register (bits 47–0)
AE–AF
Port 05 VLAN register
48
Port 09 control
B0–B1
Port 06 VLAN register
49
Port 09 status
B2–B3
Port 07 VLAN register
4A–4F
Port 09 address register (bits 47–0)
B4–B5
Port 08 VLAN register
50
Port 10 control
B6–B7
Port 09 VLAN register
51
Port 10 status
B8–B9
Port 10 VLAN register
52–57
Port 10 address register (bits 47–0)
BA–BB
Port 11 VLAN register
58
Port 11 control
BC–BD
Port 12 VLAN register
59
Port 11 status
BE–BF
Port 13 VLAN register
5A–5F
Port 11 address register (bits 47–0)
C0
Port 14 VLAN register
60
Port 12 control
C1
Port 14 VLAN register
61
Port 12 status
C2
RAM size register
62–67
Port 12 address register (bits 47–0)
C3
System control register
68
Port 13 control
C4
CRC byte 3
69
Port 13 status
C5
CRC byte 2
6A–6F
Port 13 address register (bits 47–0)
C6
CRC byte 1
70
Port 14 control
C7
CRC byte 0
71
Port 14 status
C8–FF
Reserved
72–77
Port 14 address register (bits 47–0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com