Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TNETX3150GGP Datasheet(PDF) 96 Page - Texas Instruments

Part # TNETX3150GGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150GGP Datasheet(HTML) 96 Page - Texas Instruments

Back Button TNETX3150GGP Datasheet HTML 92Page - Texas Instruments TNETX3150GGP Datasheet HTML 93Page - Texas Instruments TNETX3150GGP Datasheet HTML 94Page - Texas Instruments TNETX3150GGP Datasheet HTML 95Page - Texas Instruments TNETX3150GGP Datasheet HTML 96Page - Texas Instruments TNETX3150GGP Datasheet HTML 97Page - Texas Instruments TNETX3150GGP Datasheet HTML 98Page - Texas Instruments TNETX3150GGP Datasheet HTML 99Page - Texas Instruments TNETX3150GGP Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
96
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DIO write cycle
D TNETX3150/TNETX3150A host-register address data SAD1–SAD0 and SDATA7–SDATA0 are asserted
and SRNW is taken low.
D After the setup time, SCS is taken low, initiating a write cycle.
D The TNETX3150/TNETX3150A pulls SRDY low as the data is accepted and SDATA7–SDATA0,
SAD1–SAD0, and SRNW are deasserted after the hold time is satisfied.
D SCS is taken high by the host to complete the cycle, causing SRDY to be deasserted and SRDY is driven
high for one cycle before being placed in the high-impedance (Z) state.
timing requirements over recommended operating conditions (see Note 11 and Figure 39)
write cycle DIO interface
NO
TNETX3150
TNETX3150A
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
1
tw(SCS)
Pulse duration, SCS low
40
40
ns
2
tsu(SAD)
Setup time, SAD1–SAD0 valid before SCS
↓
0
0
ns
3
tsu(SDATA)
Setup time, SDATA7–SDATA0 valid before SCS
↓
0
0
ns
4
tsu(SRNW)
Setup time, SRNW low before SCS
↓
0
0
ns
NOTE 11: The DIO interface/DIO write cycle is asynchronous, allowing easy adaptation to a range of microprocessor devices and computer
system interfaces.
operating characteristics over recommended operating conditions (see Note 11 and Figure 39)
write cycle DIO interface
NO
PARAMETER
TNETX3150
TNETX3150A
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
5
tw(SRDY)
Pulse duration, SRDY high
20
20
ns
6
td(SRNW)
Delay time, from SRDY
↓ to SRNW↑
0
0
ns
7
td(SAD)
Delay time, from SRDY
↓ to SAD1–SAD0 invalid
0
0
ns
8
td(SDATA)
Delay time, from SRDY
↓ to SDATA7–SDATA0 invalid
0
0
ns
9
td(SCS-SRDY)1
Delay time from SCS
↑ to SRDY↑
0
20
0
60
ns
10
td(SCS-SRDY)2
Delay time from SCS
↓ to SRDY↓
0
0
ns
NOTE 11: The DIO interface/DIO write cycle is asynchronous, allowing easy adaptation to a range of microprocessor devices and computer
system interfaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com