Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCLS Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NCLS
Description  Metal Foil Current Sensing Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCLS Datasheet(HTML) 3 Page - NIC-Components Corp.

  NCLS Datasheet HTML 1Page - NIC-Components Corp. NCLS Datasheet HTML 2Page - NIC-Components Corp. NCLS Datasheet HTML 3Page - NIC-Components Corp. NCLS Datasheet HTML 4Page - NIC-Components Corp. NCLS Datasheet HTML 5Page - NIC-Components Corp. NCLS Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NCLS Series
Power Derating Curve: For operation above 70°C, power rating must be
derated according to the following chart:
NCLS10 (0805 CASE SIZE 0.50W) AVAILABLE VALUES
Part Number
Resistance
Value (mW)
Power Rating
Available
Tolerance
Available
TCR
NCLS10_ R006TRF
6.0
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R007TRF
7.0
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R008TRF
8.0
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R009TRF
9.0
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R010TRF
10
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R011TRF
11
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R012TRF
12
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R013TRF
13
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R014TRF
14
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R015TRF
15
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R016TRF
16
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R017TRF
17
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R018TRF
18
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R019TRF
19
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R020TRF
20
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R021TRF
21
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R022TRF
22
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R023TRF
23
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R024TRF
24
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R025TRF
25
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R026TRF
26
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R027TRF
27
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R028TRF
28
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R029TRF
29
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS10_ R030TRF
30
0.50W
±1% (F), ±2% (G), ±5% (J)
±100ppm
*Contact NIC regarding availability of values not shown
Metal Foil Current Sensing Chip Resistors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com