Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NCLS Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NCLS
Description  Metal Foil Current Sensing Chip Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCLS Datasheet(HTML) 4 Page - NIC-Components Corp.

  NCLS Datasheet HTML 1Page - NIC-Components Corp. NCLS Datasheet HTML 2Page - NIC-Components Corp. NCLS Datasheet HTML 3Page - NIC-Components Corp. NCLS Datasheet HTML 4Page - NIC-Components Corp. NCLS Datasheet HTML 5Page - NIC-Components Corp. NCLS Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NCLS12 (1206 CASE SIZE 1.0W) AVAILABLE VALUES
Part Number
Resistance
Value (mW)
Power Rating
Available
Tolerance
Available
TCR
NCLS12_ R006TRF
6.0
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R007TRF
7.0
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R008TRF
8.0
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R009TRF
9.0
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R010TRF
10
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R011TRF
11
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R012TRF
12
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R013TRF
13
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R014TRF
14
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R015TRF
15
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R016TRF
16
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R017TRF
17
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R018TRF
18
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R019TRF
19
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R020TRF
20
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R021TRF
21
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R022TRF
22
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R023TRF
23
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R024TRF
24
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R025TRF
25
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R026TRF
26
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R027TRF
27
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R028TRF
28
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R029TRF
29
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R030TRF
30
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R031TRF
31
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R032TRF
32
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R033TRF
33
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R034TRF
34
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R035TRF
35
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R036TRF
36
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R037TRF
37
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R038TRF
38
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R039TRF
39
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS12_ R040TRF
40
1.0W
±1% (F), ±2% (G), ±5% (J)
±100ppm
NCLS Series
*Contact NIC regarding availability of values not shown
Metal Foil Current Sensing Chip Resistors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com